Electronic Components Datasheet Search
  English  ▼

X  

DAC8728 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8728
Description  Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8728 Datasheet(HTML) 27 Page - Texas Instruments

Back Button DAC8728 Datasheet HTML 23Page - Texas Instruments DAC8728 Datasheet HTML 24Page - Texas Instruments DAC8728 Datasheet HTML 25Page - Texas Instruments DAC8728 Datasheet HTML 26Page - Texas Instruments DAC8728 Datasheet HTML 27Page - Texas Instruments DAC8728 Datasheet HTML 28Page - Texas Instruments DAC8728 Datasheet HTML 29Page - Texas Instruments DAC8728 Datasheet HTML 30Page - Texas Instruments DAC8728 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
5
4
3
2
1
0
-1
-2
-3
-4
-5
-55
-35
-15
5
125
85
105
25
45
65
Temperature(°C)
LSB=0.457mV
DAC4
DAC5
DAC6
DAC7
DAC0
DAC1
DAC2
DAC3
5
4
3
2
1
0
-1
-2
-3
-4
-5
-55
-35
-15
5
125
85
105
25
45
65
Temperature(°C)
LSB=0.305mV
Gain=4
DAC4
DAC5
DAC6
DAC7
DAC0
DAC1
DAC2
DAC3
4
3
2
1
0
-1
-2
-3
-4
8
12
16
20
24
28
32
36
AV
(V)
DD
V
=2.048V
REF
Gain=4
INLMax
INLMin
1.00
0.75
0.50
0.25
0
-0.25
-0.50
-0.75
-1.00
8
12
16
20
24
28
32
36
AV
(V)
DD
V
=2.048V
REF
Gain=4
DNLMax
DNLMin
4
3
2
1
0
-1
-2
-3
-4
0
2
4
1
3
5
6
V
(V)
REF
AV
=36V
DD
INLMax
INLMin
1.00
0.75
0.50
0.25
0
-0.25
-0.50
-0.75
-1.00
0
2
4
1
3
5
6
V
(V)
REF
AV
=36V
DD
DNLMax
DNLMin
DAC8728
www.ti.com
SBAS466A – JUNE 2009 – REVISED NOVEMBER 2009
TYPICAL CHARACTERISTICS: Single-Supply (continued)
At TA = +25°C, VREF = +5V, AVDD = +32V, and gain = 6, unless otherwise noted.
GAIN ERROR
GAIN ERROR
vs TEMPERATURE
vs TEMPERATURE
Figure 68.
Figure 69.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs AVDD
vs AVDD
Figure 70.
Figure 71.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs REFERENCE VOLTAGE
vs REFERENCE VOLTAGE
Figure 72.
Figure 73.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): DAC8728



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com