Electronic Components Datasheet Search
  English  ▼

X  

DAC8728 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8728
Description  Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8728 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC8728 Datasheet HTML 19Page - Texas Instruments DAC8728 Datasheet HTML 20Page - Texas Instruments DAC8728 Datasheet HTML 21Page - Texas Instruments DAC8728 Datasheet HTML 22Page - Texas Instruments DAC8728 Datasheet HTML 23Page - Texas Instruments DAC8728 Datasheet HTML 24Page - Texas Instruments DAC8728 Datasheet HTML 25Page - Texas Instruments DAC8728 Datasheet HTML 26Page - Texas Instruments DAC8728 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
3.0
2.5
2.0
1.5
1.0
0.5
0
0
5.0
4.0
3.0
2.0
1.0
2.5
0.5
1.5
3.5
4.5
LogicInputVoltage(V)
T
A =+25 C
°
IOV
=5V
DD
IOV
=2.7V
DD
IOV
=1.8V
DD
IOV
V
DD
aluesareShown
forLogicLevelChange
onD0toD15.
2000
1800
1600
1400
1200
1000
800
600
400
200
0
1
10
100
1k
10k
100k
Frequency(Hz)
Code=8000h
Gain=4
Gain=6
BipolarZeroError(LSB)
45
40
35
30
25
20
15
10
5
0
Gain=6
T
A =+25°C
BipolarZeroError(LSB)
45
40
35
30
25
20
15
10
5
0
T
A =+25°C
Gain=4
GainError(LSB)
30
25
20
15
10
5
0
Gain=6
T
A =+25°C
GainError(LSB)
35
30
25
20
15
10
5
0
Gain=4
T
A =+25°C
DAC8728
www.ti.com
SBAS466A – JUNE 2009 – REVISED NOVEMBER 2009
TYPICAL CHARACTERISTICS: Dual-Supply (continued)
At TA = +25°C, VREF = +5V, AVDD = +16.5V, AVSS = –16.5V, and gain = 6, unless otherwise noted.
OUTPUT NOISE SPECTRAL DENSITY
IOVDD SUPPLY CURRENT
vs FREQUENCY
vs LOGIC INPUT VOLTAGE
Figure 46.
Figure 47.
BIPOLAR ZERO ERROR
BIPOLAR ZERO ERROR
PRODUCTION DISTRIBUTION
PRODUCTION DISTRIBUTION
Figure 48.
Figure 49.
GAIN ERROR
GAIN ERROR
PRODUCTION DISTRIBUTION
PRODUCTION DISTRIBUTION
Figure 50.
Figure 51.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): DAC8728



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com