Electronic Components Datasheet Search
  English  ▼

X  

DAC8728 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8728
Description  Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8728 Datasheet(HTML) 19 Page - Texas Instruments

Back Button DAC8728 Datasheet HTML 15Page - Texas Instruments DAC8728 Datasheet HTML 16Page - Texas Instruments DAC8728 Datasheet HTML 17Page - Texas Instruments DAC8728 Datasheet HTML 18Page - Texas Instruments DAC8728 Datasheet HTML 19Page - Texas Instruments DAC8728 Datasheet HTML 20Page - Texas Instruments DAC8728 Datasheet HTML 21Page - Texas Instruments DAC8728 Datasheet HTML 22Page - Texas Instruments DAC8728 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
5
4
3
2
1
0
-1
-2
-3
-4
-5
-55
-35
-15
5
125
85
105
25
45
65
Temperature(°C)
DAC4
DAC5
DAC6
DAC7
DAC0
DAC1
DAC2
DAC3
LSB=0.457mV
5
4
3
2
1
0
-1
-2
-3
-4
-5
-55
-35
-15
5
125
85
105
25
45
65
Temperature(°C)
DAC4
DAC5
DAC6
DAC7
DAC0
DAC1
DAC2
DAC3
LSB=0.305mV
Gain=4
4
3
2
1
0
-1
-2
-3
-4
4
18
16
14
12
10
8
6
AV
= A
-
DD
SS
V
(V)
INLMax
INLMin
V
=2.048V
Gain=4
REF
1.00
0.75
0.50
0.25
0
-0.25
-0.50
-0.75
-1.00
4
18
16
14
12
10
8
6
AV
= A
-
DD
SS
V
(V)
DNLMax
DNLMin
V
=2.048V
Gain=4
REF
4
3
2
1
0
-1
-2
-3
-4
0
3
5
1
2
4
6
V
(V)
REF
INLMax
INLMin
AV
=+18V
AV
= 18V
-
DD
SS
1.00
0.75
0.50
0.25
0
-0.25
-0.50
-0.75
-1.00
0
3
5
1
2
4
6
V
(V)
REF
DNLMax
DNLMin
AV
=+18V
AV
= 18V
DD
SS
-
DAC8728
www.ti.com
SBAS466A – JUNE 2009 – REVISED NOVEMBER 2009
TYPICAL CHARACTERISTICS: Dual-Supply (continued)
At TA = +25°C, VREF = +5V, AVDD = +16.5V, AVSS = –16.5V, and gain = 6, unless otherwise noted.
GAIN ERROR
GAIN ERROR
vs TEMPERATURE
vs TEMPERATURE
Figure 22.
Figure 23.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs AVDD AND AVSS
vs AVDD AND AVSS
Figure 24.
Figure 25.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs REFERENCE VOLTAGE
vs REFERENCE VOLTAGE
Figure 26.
Figure 27.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): DAC8728



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com