Electronic Components Datasheet Search
  English  ▼

X  

DAC8728 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8728
Description  Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8728 Datasheet(HTML) 18 Page - Texas Instruments

Back Button DAC8728 Datasheet HTML 14Page - Texas Instruments DAC8728 Datasheet HTML 15Page - Texas Instruments DAC8728 Datasheet HTML 16Page - Texas Instruments DAC8728 Datasheet HTML 17Page - Texas Instruments DAC8728 Datasheet HTML 18Page - Texas Instruments DAC8728 Datasheet HTML 19Page - Texas Instruments DAC8728 Datasheet HTML 20Page - Texas Instruments DAC8728 Datasheet HTML 21Page - Texas Instruments DAC8728 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
4
3
2
1
0
-1
-2
-3
-4
-55
-35
-15
5
125
85
105
25
45
65
Temperature(°C)
INLMax
INLMin
1.00
0.75
0.50
0.25
0
-0.25
-0.50
-0.75
-1.00
-55
-35
-15
5
125
85
105
25
45
65
Temperature(°C)
DNLMax
DNLMin
4
3
2
1
0
-1
-2
-3
-4
-55
-35
-15
5
125
85
105
25
45
65
Temperature(°C)
INLMax
INLMin
Gain=4
1.00
0.75
0.50
0.25
0
-0.25
-0.50
-0.75
-1.00
-55
-35
-15
5
125
85
105
25
45
65
Temperature(°C)
DNLMin
DNLMax
Gain=4
5
4
3
2
1
0
-1
-2
-3
-4
-5
-55
-35
-15
5
125
85
105
25
45
65
Temperature(°C)
DAC4
DAC5
DAC6
DAC7
DAC0
DAC1
DAC2
DAC3
LSB=0.457mV
5
4
3
2
1
0
-1
-2
-3
-4
-5
-55
-35
-15
5
125
85
105
25
45
65
Temperature(°C)
DAC4
DAC5
DAC6
DAC7
DAC0
DAC1
DAC2
DAC3
LSB=0.305mV
Gain=4
DAC8728
SBAS466A – JUNE 2009 – REVISED NOVEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS: Dual-Supply (continued)
At TA = +25°C, VREF = +5V, AVDD = +16.5V, AVSS = –16.5V, and gain = 6, unless otherwise noted.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs TEMPERATURE
vs TEMPERATURE
Figure 16.
Figure 17.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs TEMPERATURE
vs TEMPERATURE
Figure 18.
Figure 19.
BIPOLAR ZERO ERROR
BIPOLAR ZERO ERROR
vs TEMPERATURE
vs TEMPERATURE
Figure 20.
Figure 21.
18
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DAC8728



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com