Electronic Components Datasheet Search
  English  ▼

X  

DAC8728 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8728
Description  Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8728 Datasheet(HTML) 25 Page - Texas Instruments

Back Button DAC8728 Datasheet HTML 21Page - Texas Instruments DAC8728 Datasheet HTML 22Page - Texas Instruments DAC8728 Datasheet HTML 23Page - Texas Instruments DAC8728 Datasheet HTML 24Page - Texas Instruments DAC8728 Datasheet HTML 25Page - Texas Instruments DAC8728 Datasheet HTML 26Page - Texas Instruments DAC8728 Datasheet HTML 27Page - Texas Instruments DAC8728 Datasheet HTML 28Page - Texas Instruments DAC8728 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
8192
0
65536
57344
49152
40960
32768
24576
16384
DigitalInputCode
T = 40
-
°
A
C
4
3
2
1
0
-1
-2
-3
-4
1.00
0.75
0.50
0.25
0
-0.25
-0.50
-0.75
-1.00
8192
0
65536
57344
49152
40960
32768
24576
16384
DigitalInputCode
T = 40
-
°
A
C
8192
0
65536
57344
49152
40960
32768
24576
16384
DigitalInputCode
T =+25°
A
C
4
3
2
1
0
-1
-2
-3
-4
1.00
0.75
0.50
0.25
0
-0.25
-0.50
-0.75
-1.00
8192
0
65536
57344
49152
40960
32768
24576
16384
DigitalInputCode
T
A =+25°C
8192
0
65536
57344
49152
40960
32768
24576
16384
DigitalInputCode
T
A =+105°C
4
3
2
1
0
-1
-2
-3
-4
1.00
0.75
0.50
0.25
0
-0.25
-0.50
-0.75
-1.00
8192
0
65536
57344
49152
40960
32768
24576
16384
DigitalInputCode
T
A =+105°C
DAC8728
www.ti.com
SBAS466A – JUNE 2009 – REVISED NOVEMBER 2009
TYPICAL CHARACTERISTICS: Single-Supply (continued)
At TA = +25°C, VREF = +5V, AVDD = +32V, and gain = 6, unless otherwise noted.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 56.
Figure 57.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 58.
Figure 59.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 60.
Figure 61.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): DAC8728



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com