Electronic Components Datasheet Search
  English  ▼

X  

DAC8728 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8728
Description  Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8728 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC8728 Datasheet HTML 10Page - Texas Instruments DAC8728 Datasheet HTML 11Page - Texas Instruments DAC8728 Datasheet HTML 12Page - Texas Instruments DAC8728 Datasheet HTML 13Page - Texas Instruments DAC8728 Datasheet HTML 14Page - Texas Instruments DAC8728 Datasheet HTML 15Page - Texas Instruments DAC8728 Datasheet HTML 16Page - Texas Instruments DAC8728 Datasheet HTML 17Page - Texas Instruments DAC8728 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
DAC8728
SBAS466A – JUNE 2009 – REVISED NOVEMBER 2009
www.ti.com
TIMING CHARACTERISTICS
(1) (2) (3) (4) (5)
At –40°C to +105°C, DVDD = +3V to +5V, and IOVDD = +3V, unless otherwise noted.
PARAMETER
MIN
MAX
UNIT
t1
CS width for write operation
25
ns
t2
Delay from R/W falling edge to CS falling edge
2
ns
t3
Delay from CS rising edge to R/W rising edge
2
ns
t4
Delay from address valid to CS falling edge
6
ns
t5
Delay from CS rising edge to address change
0
ns
t6
Delay from data valid to CS rising edge
25
ns
t7
Delay from CS rising to data change
5
ns
t8
CS width for read operation
50
ns
t9
Delay from R/W rising edge to CS falling edge
2
ns
t10
Delay from CS rising edge to R/W falling edge
2
ns
t11
Delay from address valid to CS falling edge
6
ns
t12
Delay from CS rising to address change
0
ns
t13
Delay from CS falling edge to data valid
40
ns
t14
Delay from CS rising to data bus off (Hi-Z)
2
ns
t15
Delay from CS rising edge to LDAC falling edge
5
ns
t16
LDAC pulse width
10
ns
t17
Delay from LDAC rising edge to next CS rising edge
20
ns
t18
Delay from BUSY rising edge to next LDAC falling edge
0
ns
t19
Delay from CS rising edge to next LDAC falling edge
30
ns
t20
Delay from CS rising edge to BUSY falling edge
20
ns
t21
Delay from LDAC falling edge to BUSY rising edge
50
ns
(1)
Specified by design; not production tested.
(2)
Sample tested during the initial release and after any redesign or process changes that may affect these parameters.
(3)
Rise and fall times of all digital input signals are 5ns.
(4)
Rise and fall times of all digital outputs are 5ns for a 10pF capacitor load.
(5)
For sequential writes to the same address, there must be a minimum of 50ns between the CS rising edges.
14
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DAC8728



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com