Electronic Components Datasheet Search
  English  ▼

X  

DAC8728 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8728
Description  Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8728 Datasheet(HTML) 22 Page - Texas Instruments

Back Button DAC8728 Datasheet HTML 18Page - Texas Instruments DAC8728 Datasheet HTML 19Page - Texas Instruments DAC8728 Datasheet HTML 20Page - Texas Instruments DAC8728 Datasheet HTML 21Page - Texas Instruments DAC8728 Datasheet HTML 22Page - Texas Instruments DAC8728 Datasheet HTML 23Page - Texas Instruments DAC8728 Datasheet HTML 24Page - Texas Instruments DAC8728 Datasheet HTML 25Page - Texas Instruments DAC8728 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
Time(10 s/div)
m
1LSB/div
5V/div
5V/div
LDAC
Small-SignalError
Large-SignalOutput
Codechange:4000htoC000h
Outputloadedwith10k
and
240pFtoAGND
W
Time(10 s/div)
m
1LSB/div
5V/div
5V/div
LDAC
Small-SignalError
Codechange:C000hto4000h
Outputloadedwith10k
and
240pFtoAGND
W
Large-SignalOutput
Time(2 s/div)
m
5V/div
1mV/div
V
OUT
LDAC
IntegratedGlitchEnergy(3.1nV-s)
Codechange:7FFFhto8000h
Outputloadedwith10k
and
240pFtoAGND
W
Time(2 s/div)
m
5V/div
1mV/div
V
OUT
LDAC
IntegratedGlitchEnergy(2.7nV-s)
Codechange:8000hto7FFFh
Outputloadedwith10k
and
240pFtoAGND
W
Time(2s/div)
T =+25 C
A
°
Time(2s/div)
T =+25 C
A
°
Gain=4
DAC8728
SBAS466A – JUNE 2009 – REVISED NOVEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS: Dual-Supply (continued)
At TA = +25°C, VREF = +5V, AVDD = +16.5V, AVSS = –16.5V, and gain = 6, unless otherwise noted.
SETTLING TIME
SETTLING TIME
1/4 TO 3/4 FULL-SCALE TRANSITION
3/4 TO 1/4 FULL-SCALE TRANSITION
Figure 40.
Figure 41.
MAJOR CARRY GLITCH
MAJOR CARRY GLITCH
Figure 42.
Figure 43.
0.1Hz TO 10Hz NOISE
0.1Hz TO 10Hz NOISE
FOR MIDSCALE CODE
FOR MIDSCALE CODE
Figure 44.
Figure 45.
22
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DAC8728



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com