Electronic Components Datasheet Search
  English  ▼

X  

DAC8728 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8728
Description  Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8728 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC8728 Datasheet HTML 13Page - Texas Instruments DAC8728 Datasheet HTML 14Page - Texas Instruments DAC8728 Datasheet HTML 15Page - Texas Instruments DAC8728 Datasheet HTML 16Page - Texas Instruments DAC8728 Datasheet HTML 17Page - Texas Instruments DAC8728 Datasheet HTML 18Page - Texas Instruments DAC8728 Datasheet HTML 19Page - Texas Instruments DAC8728 Datasheet HTML 20Page - Texas Instruments DAC8728 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
4
3
2
1
0
-1
-2
-3
-4
8192
0
65536
57344
49152
40960
32768
24576
16384
DigitalInputCode
T = 40
-
°
A
C
1.00
0.75
0.50
0.25
0
-0.25
-0.50
-0.75
-1.00
8192
0
65536
57344
49152
40960
32768
24576
16384
DigitalInputCode
T = 40
-
°
A
C
4
3
2
1
0
-1
-2
-3
-4
8192
0
65536
57344
49152
40960
32768
24576
16384
DigitalInputCode
T
A =+25°C
1.00
0.75
0.50
0.25
0
-0.25
-0.50
-0.75
-1.00
8192
0
65536
57344
49152
40960
32768
24576
16384
DigitalInputCode
T =+25 C
°
A
4
3
2
1
0
-1
-2
-3
-4
8192
0
65536
57344
49152
40960
32768
24576
16384
DigitalInputCode
T
A =+105 C
°
1.00
0.75
0.50
0.25
0
-0.25
-0.50
-0.75
-1.00
8192
0
65536
57344
49152
40960
32768
24576
16384
DigitalInputCode
T =+105 C
°
A
DAC8728
www.ti.com
SBAS466A – JUNE 2009 – REVISED NOVEMBER 2009
TYPICAL CHARACTERISTICS: Dual-Supply (continued)
At TA = +25°C, VREF = +5V, AVDD = +16.5V, AVSS = –16.5V, and gain = 6, unless otherwise noted.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 10.
Figure 11.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 12.
Figure 13.
LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE
vs DIGITAL INPUT CODE
Figure 14.
Figure 15.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): DAC8728



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com