Electronic Components Datasheet Search
  English  ▼

X  

DAC8728 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8728
Description  Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8728 Datasheet(HTML) 46 Page - Texas Instruments

Back Button DAC8728 Datasheet HTML 42Page - Texas Instruments DAC8728 Datasheet HTML 43Page - Texas Instruments DAC8728 Datasheet HTML 44Page - Texas Instruments DAC8728 Datasheet HTML 45Page - Texas Instruments DAC8728 Datasheet HTML 46Page - Texas Instruments DAC8728 Datasheet HTML 47Page - Texas Instruments DAC8728 Datasheet HTML 48Page - Texas Instruments DAC8728 Datasheet HTML 49Page - Texas Instruments DAC8728 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
DAC8728
SBAS466A – JUNE 2009 – REVISED NOVEMBER 2009
www.ti.com
GPIO Register. Default = 8000h.
The GPIO Register determines the status of the GPIO pin.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
GPIO
X(1)
X
X
X
X
X
X
X
X
X
X
X
X
X
X
(1)
X = don't care. Writing to this bit has no effect; reading the bit returns '0'.
GPIO
For write operations, the GPIO pin operates as an output. Writing a '1' to the GPIO bit sets the GPIO pin to high
impedance, and writing a '0' sets the GPIO pin to logic low. An external pull-up resistor is required when using
the GPIO pin as an output.
For read operations, the GPIO pin operates as an input. Read the GPIO bit to receive the status of the GPIO
pin. Reading a '0' indicates that the GPIO pin is low, and reading a '1' indicates that the GPIO pin is high.
After power-on reset, or any forced hardware or software reset, the GPIO bit is set to '1', and is in a
high-impedance state.
Busy Flag Register (read-only). Default = 0000h.
Busy flag bit of DAC-x. The Busy Flag Register Each channel has an individual busy flag (BF-x) in the Busy Flag
register. When the channel is accessed and the correction engine is enabled, the respective BF-x bit is set if
either the Input Data Register, Zero Register, or Gain Register are written to. When the DAC data is adjusted by
the correction engine and transferred into the DAC Data Register, the BF-x bit is cleared. It takes approximately
500ns per channel for the correction to complete.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BF-7
BF-6
BF-5
BF-4
BF-3
BF-2
BF-1
BF-0
X(1)
X
X
X
X
X
X
X
(1)
X = don't care. Writing to this bit has no effect; reading the bit returns '0'.
BF-7:0
BF-x = '1' if the input data of DAC-x has not been corrected or if the correction engine is not finished.
BF-x = '0' when the input data has been corrected or the correction engine is turned off.
46
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DAC8728



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com