Electronic Components Datasheet Search
  English  ▼

X  

DAC8728 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8728
Description  Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8728 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC8728 Datasheet HTML 7Page - Texas Instruments DAC8728 Datasheet HTML 8Page - Texas Instruments DAC8728 Datasheet HTML 9Page - Texas Instruments DAC8728 Datasheet HTML 10Page - Texas Instruments DAC8728 Datasheet HTML 11Page - Texas Instruments DAC8728 Datasheet HTML 12Page - Texas Instruments DAC8728 Datasheet HTML 13Page - Texas Instruments DAC8728 Datasheet HTML 14Page - Texas Instruments DAC8728 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
DAC8728
www.ti.com
SBAS466A – JUNE 2009 – REVISED NOVEMBER 2009
PIN DESCRIPTIONS (continued)
PIN NO.
PIN
NAME
QFN-56
TQFP-64
I/O
DESCRIPTION
Load DAC latch control input (active low). When LDAC is low, the DAC latch is transparent and the
contents of the DAC Data Register are transferred to it. The DAC output changes to the corresponding
LDAC
17
18
I
level simultaneously when the DAC latch is updated. See the DAC Output Update section for details. If
asynchronous mode is desired, LDAC must be permanently tied low before power is applied to the
device. If synchronous mode is desired, LDAC must be logic high during power-on.
Reset input (active low). Logic low on this pin resets the DAC registers and DACs to the values defined
RST
18
19
I
by the RSTSEL pin. CS must be at logic high when RST is used.
A0
19
20
I
Address bit A0 to specify the internal registers.
A1
20
21
I
Address bit A1 to specify the internal registers.
DVDD
21
24
I
Digital power supply
DGND
22
25
I
Digital ground
A2
23
26
I
Address bit A2 to specify the internal registers.
A3
24
27
I
Address bit A3 to specify the internal registers.
A4
25
29
I
Address bit A4 to specify the internal registers.
DGND
26
30
I
Digital ground
General-purpose digital input/output. This pin is a bidirectional, open-drain, digital input/output, and
GPIO
27
33
I/O
requires an external pullup resistor. See the GPIO Pin section for details.
Output reset selection. Selects the output voltage on the VOUT pin after power-on or hardware reset.
RSTSEL
28
34
I
Refer to the Power-On Reset section for details.
VOUT-7
29
36
O
DAC-7 output
OFFSET DAC-B analog output. Must be connected to AGND-B during single-supply operation
OFFSET-B
30
37
O
(AVSS = 0V). This pin is not intended to drive an external load.
AVSS
31
38
I
Negative analog power supply. Connect to AGND in single-supply operation.
VOUT-6
32
39
O
DAC-6 output
AGND-B
33
40
I
Group B(2) analog ground and the ground of REF-B. This pin must be tied to AGND-A and DGND.
AVDD
34
41
I
Positive analog power supply
VOUT-5
35
42
O
DAC-5 output
REF-B
36
43
I
Group B(2) reference input
VOUT-4
37
44
O
DAC-4 output
14, 22, 23,
NC
38
28, 31, 32,
—
Not connected
35, 45, 53
D0
39
46
I/O
Data bit 0
D1
40
47
I/O
Data bit 1
D2
41
48
I/O
Data bit 2
D3
42
49
I/O
Data bit 3
D4
43
50
I/O
Data bit 4
D5
44
51
I/O
Data bit 5
D6
45
52
I/O
Data bit 6
DGND
46
54
I
Digital ground
IOVDD
47
55
I
Digital interface power supply
DVDD
48
56
I
Digital power supply
R/W
49
57
I
Read and write signal. High for reading operation; low for writing operation.
CS
50
58
I
Chip select input (active low)
D7
51
59
I/O
Data bit 7
D8
52
60
I/O
Data bit 8
D9
53
61
I/O
Data bit 9
D10
54
62
I/O
Data bit 10
D11
55
63
I/O
Data bit 11
D12
56
64
I/O
Data bit 12
(2)
Group A consists of DAC-0, DAC-1, DAC-2, and DAC-3. Group B consists of DAC-4, DAC-5, DAC-6, and DAC-7.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): DAC8728



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com