Electronic Components Datasheet Search
  English  ▼

X  

DAC8728 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8728
Description  Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8728 Datasheet(HTML) 2 Page - Texas Instruments

  DAC8728 Datasheet HTML 1Page - Texas Instruments DAC8728 Datasheet HTML 2Page - Texas Instruments DAC8728 Datasheet HTML 3Page - Texas Instruments DAC8728 Datasheet HTML 4Page - Texas Instruments DAC8728 Datasheet HTML 5Page - Texas Instruments DAC8728 Datasheet HTML 6Page - Texas Instruments DAC8728 Datasheet HTML 7Page - Texas Instruments DAC8728 Datasheet HTML 8Page - Texas Instruments DAC8728 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
DAC8728
SBAS466A – JUNE 2009 – REVISED NOVEMBER 2009
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
RELATIVE
DIFFERENTIAL
SPECIFIED
ACCURACY
LINEARITY
PACKAGE-
PACKAGE
TEMPERATURE
PACKAGE
PRODUCT
(LSB)
(LSB)
LEAD
DESIGNATOR
RANGE
MARKING
±4
±1
QFN-56
RTQ
–40°C to +105°C
DAC8728
DAC8728
±4
±1
TQFP-64
PAG
–40°C to +105°C
DAC8728
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this data sheet, or see the TI
website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
DAC8728
UNIT
AVDD to AVSS
–0.3 to 38
V
AVDD to AGND
–0.3 to 38
V
AVSS to AGND, DGND
–19 to 0.3
V
DVDD to DGND
–0.3 to 6
V
IOVDD to DGND
–0.3 to DVDD + 0.3
V
AGND to DGND
–0.3 to 0.3
V
Digital input voltage to DGND
–0.3 to IOVDD + 0.3
V
VOUT-x, VMON to AVSS
–0.3 to AVDD + 0.3
V
REF-A, REF-B to AGND
–0.3 to DVDD
V
BUSY, GPIO to DGND
–0.3 to IOVDD + 0.3
V
Maximum current from VMON
3
mA
Operating temperature range
–40 to +105
°C
Storage temperature range
–65 to +150
°C
Maximum junction temperature (TJ max)
+150
°C
Human body model (HBM)
4
kV
TQFP
1000
V
ESD ratings
Charged device model (CDM)
QFN
500
V
Machine model (MM)
200
V
TQFP
55
°C/W
Junction-to-ambient,
θJA
QFN
21.7
°C/W
Thermal impedance
TQFP
21
°C/W
Junction-to-case,
θJC
QFN
20.4
°C/W
Power dissipation
(TJ max – TA) / θJA
W
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DAC8728



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com