Electronic Components Datasheet Search
  English  ▼

X  

DAC8728 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8728
Description  Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8728 Datasheet(HTML) 45 Page - Texas Instruments

Back Button DAC8728 Datasheet HTML 41Page - Texas Instruments DAC8728 Datasheet HTML 42Page - Texas Instruments DAC8728 Datasheet HTML 43Page - Texas Instruments DAC8728 Datasheet HTML 44Page - Texas Instruments DAC8728 Datasheet HTML 45Page - Texas Instruments DAC8728 Datasheet HTML 46Page - Texas Instruments DAC8728 Datasheet HTML 47Page - Texas Instruments DAC8728 Datasheet HTML 48Page - Texas Instruments DAC8728 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
DAC8728
www.ti.com
SBAS466A – JUNE 2009 – REVISED NOVEMBER 2009
Zero Register n (where n = 0 to 7). Default = 0000h.
The Zero Register stores the user-calibration data that are used to eliminate the offset error, as shown in
Table 14. The data are 16 bits wide, 1 LSB/step, and the total adjustment is –32768 LSB to +32767 LSB, or
±50% of full-scale range. The Zero Register uses a twos complement data format.
Table 14. Zero Register
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Z15
Z14
Z13
Z12
Z11
Z10
Z9
Z8
Z7
Z6
Z5
Z4
Z3
Z2
Z1
Z0
Z15:Z0—OFFSET BITS
ZERO ADJUSTMENT
7FFFh
+32767 LSB
7FFEh
+32766 LSB
••• ••• •••
••• ••• •••
0001h
+1 LSB
0000h
0 LSB (default)
FFFFh
–1 LSB
••• ••• •••
••• ••• •••
8001h
–32767 LSB
8000h
–32768 LSB
Gain Register n (where n = 0 to 7). Default = 8000h.
The Gain Register stores the user-calibration data that are used to eliminate the gain error, as shown in
Table 15. The data are 16 bits wide, 0.0015% FSR/step, and the total adjustment range 0.5 to 1.5. The Gain
Register uses a straight binary data format.
Table 15. Gain Register
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
G15
G14
G13
G12
G11
G10
G9
G8
G7
G6
G5
G4
G3
G2
G1
G0
G15:G0—GAIN-CODE BITS
GAIN ADJUSTMENT COEFFICIENT
FFFFh
1.499985
FFFEh
1.499969
••• ••• •••
••• ••• •••
8001h
1.000015
8000h
1 (default)
7FFFh
0.999985
••• ••• •••
••• ••• •••
0001h
0.500015
0000h
0.5
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Link(s): DAC8728



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com