Electronic Components Datasheet Search
  English  ▼

X  

IR3521 Datasheet(PDF) 19 Page - International Rectifier

Part # IR3521
Description  XPHASE3TM AMD SVID CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3521 Datasheet(HTML) 19 Page - International Rectifier

Back Button IR3521 Datasheet HTML 15Page - International Rectifier IR3521 Datasheet HTML 16Page - International Rectifier IR3521 Datasheet HTML 17Page - International Rectifier IR3521 Datasheet HTML 18Page - International Rectifier IR3521 Datasheet HTML 19Page - International Rectifier IR3521 Datasheet HTML 20Page - International Rectifier IR3521 Datasheet HTML 21Page - International Rectifier IR3521 Datasheet HTML 22Page - International Rectifier IR3521 Datasheet HTML 23Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
IR3521
Page 19
V3.03
SVID OFF TRANSISTION
SVID programmed voltage
SVID
TRANSITION
STARTUP
TIME
(12V)
START
DELAY
VCC
ENABLE
1.4V
VOUT
PGOOD
3.92V
SS/DEL
4.0V
NORMAL
OPERATION
VDACx
SVID set voltage
2-Bit Boot
VID Voltage
EAOUT
SVID OFF COMMAND
SVID OFF COMMAND
PWROK
2-Bit Boot
VID On-Hold
2-Bit Boot
VID On-Hold
0.5V
SVID ON TRANSISTION
SVID ON COMMAND
SVID ON COMMAND
1.4V
VID ON
THE FLY
PROCESSION
0.8V
SVC
SVD
2-Bit Boot VID
READ & STORE
2-Bit Boot VID
READ & STORE
SVID
TRANSITION
Figure 11 SVID Start-up Sequence Transitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com