Electronic Components Datasheet Search
  English  ▼

X  

IR3521 Datasheet(PDF) 35 Page - International Rectifier

Part # IR3521
Description  XPHASE3TM AMD SVID CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3521 Datasheet(HTML) 35 Page - International Rectifier

Back Button IR3521 Datasheet HTML 31Page - International Rectifier IR3521 Datasheet HTML 32Page - International Rectifier IR3521 Datasheet HTML 33Page - International Rectifier IR3521 Datasheet HTML 34Page - International Rectifier IR3521 Datasheet HTML 35Page - International Rectifier IR3521 Datasheet HTML 36Page - International Rectifier IR3521 Datasheet HTML 37Page - International Rectifier IR3521 Datasheet HTML 38Page - International Rectifier IR3521 Datasheet HTML 39Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
IR3521
Page 35
V3.03
Type III Compensation for AVP Applications
Determine the compensation at no load, the worst case condition. Assume the RC, resistor and capacitor across
the output inductors, and L/DCR time constant matches, the crossover frequency and phase margin of the voltage
loop can be estimated by (22) and (23), where RLE is the equivalent resistance of inductor DCR.
LE
FB
CS
E
DRP
C
R
R
G
C
R
f
*
*
2
1
(22)
180
)
5
.
0
tan(
90
1
A
C
(23)
Choose the desired crossover frequency fc around fc1, estimated by (22), or choose fc between 1/10 and 1/5 of
the switching frequency per phase. The components should be selected to ensure the close loop gain slope is
-20dB /Dec around the crossover frequency. Choose resistor RFB1 according to (24), and determine CFB and
CDRP from (25) and (26).
FB
FB
R
R
2
1
1
to
FB
FB
R
R
3
2
1
(24)
1
4
1
FB
C
FB
R
f
C
(25)
DRP
FB
FB
FB
DRP
R
C
R
R
C
)
(
1
(26)
RCP and CCP have limited effect on the crossover frequency, and are used only to fine tune the crossover
frequency and transient load response. Determine RCP and CCP from (27) and (28).
I
FB
E
E
C
CP
V
R
C
L
f
R
5
)
2
(
2
(27)
CP
E
E
CP
R
C
L
C
10
(28)
CCP1 is optional and may be needed in some applications to reduce the jitter caused by the high frequency noise.
A ceramic capacitor between 10pF and 220pF is usually enough.
Type III Compensation for Non-AVP Applications
Resistor RDRP and capacitor CDRP are not needed. Choose the crossover frequency fc between 1/10 and 1/5 of
the switching frequency per phase and select the desired phase margin θc. Calculate K factor from (29), and
determine the component values based on (30) to (34),
)]
5
.
1
180
(
4
tan[
C
K
(29)
K
V
f
C
L
R
R
I
C
E
E
FB
CP
5
)
2
(
2
(30)
CP
C
CP
R
f
K
C
2
(31)
CP
C
CP
R
K
f
C
2
1
1
(32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com