Electronic Components Datasheet Search
  English  ▼

X  

IR3521 Datasheet(PDF) 24 Page - International Rectifier

Part # IR3521
Description  XPHASE3TM AMD SVID CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3521 Datasheet(HTML) 24 Page - International Rectifier

Back Button IR3521 Datasheet HTML 20Page - International Rectifier IR3521 Datasheet HTML 21Page - International Rectifier IR3521 Datasheet HTML 22Page - International Rectifier IR3521 Datasheet HTML 23Page - International Rectifier IR3521 Datasheet HTML 24Page - International Rectifier IR3521 Datasheet HTML 25Page - International Rectifier IR3521 Datasheet HTML 26Page - International Rectifier IR3521 Datasheet HTML 27Page - International Rectifier IR3521 Datasheet HTML 28Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
IR3521
Page 24
V3.03
Open Voltage Loop Detection
The output voltage range of error amplifier is continuously monitored to ensure the voltage loop is in regulation. If
any fault condition forces the error amplifier output above VCCL-1.08V for 8 PHSOUT switching cycles, the fault
latch is set. The fault latch can only be cleared by cycling the power to VCCL.
Load Current Indicator Output
The VDRP pin voltage represents the average current of the converter plus the DAC voltage. The load current
information can be retrieved by using a differential amplifier to subtract VDAC1 voltage from the VDRP1 voltage.
Enable Input
Pulling the ENABLE pin below 0.8V sets the Fault Latch. Forcing ENABLE to a voltage above 1.94V results in the
pre-PWROK 2 bit VID codes off the SVD and SVC pins to be read and stored. SS/DELX pins are also allowed to
begin their power-up cycles.
Over Voltage Protection (OVP)
Output over-voltage might occur due to a high side MOSFET short or if the output voltage sense path is
compromised. If the over-voltage protection comparators sense that either VOUTX pin voltage exceeds VDACX by
260mV, the over voltage fault latch is set which pulls the error amplifier output low to turn off the converter power
stage. The IR3521 communicates an OVP condition to the system by raising the ROSC/OVP pin voltage to within
V(VCCL) – 1.2 V. An OVP condition is also communicated to the phase ICs by forcing the IIN pin (which is tied to
the ISHARE bus and ISHARE pins of the phase ICs) to VCCL as shown in Figure 15. In each phase IC, the OVP
circuit overrides the normal PWM operation to ensure the low side MOSFET turn-on within approximately 150ns.
The low side MOSFET will remain on until the ISHARE pins fall below V(VCCL) - 800mV. An over voltage fault
condition is latched in the IR3521 and can only be cleared by cycling the power to VCCL.
During dynamic VID down at light to no load, false OVP triggering is prevented by increasing the OVP threshold to a
fixed 1.85V whenever a dynamic VID is detected and the difference between output voltage and the fast internal
VDAC is more than 50mV, as shown in Figure 16. The over-voltage threshold is changed back to VDAC+125mV if
the difference between output voltage and the fast internal VDAC is less than 50mV.
The overall system must be considered when designing for OVP. In many cases the over-current protection of the
AC-DC or DC-DC converter supplying the multiphase converter will be triggered thus providing effective protection
without damage as long as all PCB traces and components are sized to handle the worst-case maximum current. If
this is not possible, a fuse can be added in the input supply to the multiphase converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com