Electronic Components Datasheet Search
  English  ▼

X  

IR3521 Datasheet(PDF) 25 Page - International Rectifier

Part # IR3521
Description  XPHASE3TM AMD SVID CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3521 Datasheet(HTML) 25 Page - International Rectifier

Back Button IR3521 Datasheet HTML 21Page - International Rectifier IR3521 Datasheet HTML 22Page - International Rectifier IR3521 Datasheet HTML 23Page - International Rectifier IR3521 Datasheet HTML 24Page - International Rectifier IR3521 Datasheet HTML 25Page - International Rectifier IR3521 Datasheet HTML 26Page - International Rectifier IR3521 Datasheet HTML 27Page - International Rectifier IR3521 Datasheet HTML 28Page - International Rectifier IR3521 Datasheet HTML 29Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
IR3521
Page 25
V3.03
AFTER
OVP
FAULT
LATCH
OUTPUT
VOLTAGE
(Vout)
OVP
THRESHOLD
IIN
(PHASE IC
ISHARE)
VCCL-800 mV
OVP CONDITION
NORMAL OPERATION
GATEH
(PHASE IC)
GATEL
(PHASE IC)
ERROR
AMPLIFIER
OUTPUT
(EAOUT)
VDAC
Figure 15 - Over-voltage protection during normal operation
OUTPUT
VOLTAGE
(VO)
VID DOWN
NORMAL
OPERATION
VDAC
VID
OV
THRESHOLD
VDAC + 260mV
1.85V
NORMAL
OPERATION
VID UP
LOW VID
VDAC
50mV
50mV
Figure 16 Over-voltage protection during dynamic VID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com