Electronic Components Datasheet Search
  English  ▼

X  

IR3521 Datasheet(PDF) 22 Page - International Rectifier

Part # IR3521
Description  XPHASE3TM AMD SVID CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3521 Datasheet(HTML) 22 Page - International Rectifier

Back Button IR3521 Datasheet HTML 18Page - International Rectifier IR3521 Datasheet HTML 19Page - International Rectifier IR3521 Datasheet HTML 20Page - International Rectifier IR3521 Datasheet HTML 21Page - International Rectifier IR3521 Datasheet HTML 22Page - International Rectifier IR3521 Datasheet HTML 23Page - International Rectifier IR3521 Datasheet HTML 24Page - International Rectifier IR3521 Datasheet HTML 25Page - International Rectifier IR3521 Datasheet HTML 26Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
IR3521
Page 22
V3.03
Over-Current Hiccup Protection after Soft Start
The over current limit threshold is set by a resistor connected between OCSETX and VDACX pins. Figure 13 shows
the hiccup over-current protection with delay after PGOOD is asserted. The delay is required since over-current
conditions can occur as part of normal operation due to load transients or VID transitions.
If the IINX pin voltage, which is proportional to the average current plus VDACX voltage, exceeds the OCSETx
voltage after PGOOD is asserted, it will initiate the discharge of the capacitor at SS/DELX through the discharge
current 47uA. If the over-current condition persists long enough for the SS/DELX capacitor to discharge below the
120mV offset of the delay comparator, the fault latch will be set which will then pull the error amplifier’s output low to
stop phase IC switching and will also de-asserting the PGOOD signal. The SS/DEL capacitor will then continue to
be discharged by a 4.5 uA current until it reaches 200 mV where the fault latch will reset to allow another soft start
cycle to occur. The output current is not controlled during the delay time. If an over-current condition is again
encountered during the soft start cycle, the over-current action will repeat and the converter will be in hiccup mode.
OVER-CURRENT
PROTECTION
(OUTPUT SHORTED)
3.87V
NORMAL
OPERATION
EA
OCP
DELAY
POWER-DOWN
HICCUP OVER-CURRENT
PROTECTION (OUTPUT
SHORTED)
PGOOD
3.92V
SS/DEL
NORMAL
OPERATION
START-UP WITH
OUTPUT SHORTED
OCP THRESHOLD
ENABLE
1.4V
IOUT
VOUT
NORMAL
START-UP
4.0V
(OUTPUT
SHORTED)
NORMAL
START-UP
INTERNAL
OC DELAY
Figure 13 Hiccup over-current waveforms
Linear Regulator Output (VCCL)
The IR3521 has a built-in linear regulator controller, and only an external NPN transistor is needed to create a
linear regulator. The output voltage of the linear regulator can be programmed between 4.75V and 7.5V [?] by the
resistor divider at VCCLFB pin. The regulator output powers the gate drivers and other circuits of the phase ICs
along with circuits in the control IC, and the voltage is usually programmed to optimize the converter efficiency. The
linear regulator can be compensated by a 4.7uF capacitor at the VCCL pin. As with any linear regulator, due to
stability reasons, there is an upper limit to the maximum value of capacitor that can be used at this pin and it’s a
function of the number of phases used in the multiphase architecture and their switching frequency. Figure 14
shows the stability plots for the linear regulator with 5 phases switching at 750 kHz.
For powering the IR3521 and up to two phase ICs an NPN transistor in a SOT-23 package could be used. For a
larger number of phase ICs an NPN transistor in DPAK package is recommended. .
VCCL voltage must be regulated by a closed control loop based on the IR3521’s VCCL regulator controller in order
to keep both VCCLDRV and VCCLFB voltages in the operating points that would support correct UVLO operation.
No external power rail can be connected to VCCL pin.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com