Electronic Components Datasheet Search
  English  ▼

X  

IR3521 Datasheet(PDF) 26 Page - International Rectifier

Part # IR3521
Description  XPHASE3TM AMD SVID CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3521 Datasheet(HTML) 26 Page - International Rectifier

Back Button IR3521 Datasheet HTML 22Page - International Rectifier IR3521 Datasheet HTML 23Page - International Rectifier IR3521 Datasheet HTML 24Page - International Rectifier IR3521 Datasheet HTML 25Page - International Rectifier IR3521 Datasheet HTML 26Page - International Rectifier IR3521 Datasheet HTML 27Page - International Rectifier IR3521 Datasheet HTML 28Page - International Rectifier IR3521 Datasheet HTML 29Page - International Rectifier IR3521 Datasheet HTML 30Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
IR3521
Page 26
V3.03
Open Remote Sense Line Protection
If either remote sense line VOSENX+ or VOSENX- is open, the output of Remote Sense Amplifier (VOUTX) drops.
The IR3521 continuously monitors the VOUTX pin and if VOUTX is lower than 200 mV, two separate pulse currents
are applied to the VOSENX+ and VOSENX- pins to check if the sense lines are open. If VOSENX+ is open, a voltage
higher than 90% of V(VCCL) will be present at VOSENX+ pin and the output of Open Line Detect Comparator will
be high. If VOSENX- is open, a voltage higher than 400mV will be present at VOSENX- pin and the Open Line
Detect Comparator output will be high. With either sense line open, the Open Sense Line Fault Latch will be set to
force the error amplifier output low and immediately shut down the converter. SS/DELX will be discharged and the
Open Sense Fault Latch can only be reset by cycling the power to VCCL.
Open Daisy Chain Protection
The IR3521 checks the daisy chain every time it powers up. It starts a daisy chain pulse on the PHSOUT pin and
detects the feedback at PHSIN pin. If no pulse comes back after 32 CLKOUT pulses, the pulse is restarted again. If
the pulse fails to come back the second time, the Open Daisy Chain fault is registered, and SS/DELX is not allowed
to charge. The fault latch can only be reset by cycling the power to VCCL.
After powering up, the IR3521 monitors PHSIN pin for a phase input pulse equal or less than the number of phases
detected. If PHSIN pulse does not return within the number of phases in the converter, another pulse is started on
PHSOUT pin. If the second started PHSOUT pulse does not return on PHSIN, an Open Daisy Chain fault is
registered.
Phase Number Determination
After a daisy chain pulse is started, the IR3521 checks the timing of the input pulse at PHSIN pin to determine the
phase number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com