Electronic Components Datasheet Search
  English  ▼

X  

IR3521 Datasheet(PDF) 42 Page - International Rectifier

Part # IR3521
Description  XPHASE3TM AMD SVID CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3521 Datasheet(HTML) 42 Page - International Rectifier

Back Button IR3521 Datasheet HTML 37Page - International Rectifier IR3521 Datasheet HTML 38Page - International Rectifier IR3521 Datasheet HTML 39Page - International Rectifier IR3521 Datasheet HTML 40Page - International Rectifier IR3521 Datasheet HTML 41Page - International Rectifier IR3521 Datasheet HTML 42Page - International Rectifier IR3521 Datasheet HTML 43Page - International Rectifier IR3521 Datasheet HTML 44Page - International Rectifier IR3521 Datasheet HTML 45Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
IR3521
Page 42
V3.03
SOLDER RESIST
 The solder resist should be pulled away from the metal lead lands by a minimum of 0.06mm. The solder
resist mis-alignment is a maximum of 0.05mm and it is recommended that the lead lands are all Non
Solder Mask Defined (NSMD). Therefore pulling the S/R 0.06mm will always ensure NSMD pads.
 The minimum solder resist width is 0.13mm.
 At the inside corner of the solder resist where the lead land groups meet, it is recommended to provide a
fillet so a solder resist width of ≥ 0.17mm remains.
 The land pad should be Solder Mask Defined (SMD), with a minimum overlap of the solder resist onto
the copper of 0.06mm to accommodate solder resist mis-alignment. In 0.5mm pitch cases it is allowable
to have the solder resist opening for the land pad to be smaller than the part pad.
 Ensure that the solder resist in-between the lead lands and the pad land is ≥ 0.15mm due to the high
aspect ratio of the solder resist strip separating the lead lands from the pad land.
 Four vias in the land pad should be tented or plugged from bottom boardside with solder resist.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com