Electronic Components Datasheet Search
  English  ▼

X  

IR3521 Datasheet(PDF) 20 Page - International Rectifier

Part # IR3521
Description  XPHASE3TM AMD SVID CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3521 Datasheet(HTML) 20 Page - International Rectifier

Back Button IR3521 Datasheet HTML 16Page - International Rectifier IR3521 Datasheet HTML 17Page - International Rectifier IR3521 Datasheet HTML 18Page - International Rectifier IR3521 Datasheet HTML 19Page - International Rectifier IR3521 Datasheet HTML 20Page - International Rectifier IR3521 Datasheet HTML 21Page - International Rectifier IR3521 Datasheet HTML 22Page - International Rectifier IR3521 Datasheet HTML 23Page - International Rectifier IR3521 Datasheet HTML 24Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
IR3521
Page 20
V3.03
Serial VID Interface Protocol and VID-on-the-fly Transition
The IR3521 supports the AMD SVI bus protocol and the AMD Server and desktop SVI wire protocol which are
based on High-Speed I
2C. SVID commands from an AMD processor are communicated through SVID bus pins
SVC and SVD. The SVC pin of the IR3521 does not have an open drain output since AMD SVID protocol does not
support slave clock stretching.
The IR3521 transitions from a 2-bit Boot VID mode to SVI mode upon assertion of PWROK. The SMBus send byte
protocol is used by the IR3521 VID-on-the-fly transactions. The IR3521 will wait until it detects a start bit which is
defined as an SVD falling edge while SVC is high. A 7bit address code plus one write bit (low) should then follow
the start bit. This address code will be compared against an internal address table and the IR3521 will reply with an
acknowledge ACK bit if the address is one of the three stored addresses otherwise the ACK bit will not be sent out.
The SVD pin is pulled low by the IR3521 to generate the ACK bit. Table 4 has the list of addresses recognized by
the IR3521.
The processor should then transmit the 8-bit data word immediately following the ACK bit. The first data bit (bit 7),
of the SVID data word, represents the Power State Indicator (PSI) bit which is passed on to the phase ICs via the
IR3521 PSI_L pin. PSI_L is pulled high by an internal 10K resistor to VCCL when data bit 7 of an SVID command
is high. A low, on this bit (bit 7), will pull the PSL_pin low and trigger all connected, predetermine, phase ICs to turn
off. If transitioning from one phase to multiple phases, the last phase IC, or returning phase IC, should be left on to
ensure the fastest possible clock frequency calibration. A shorter calibration time will help minimize droop at the
VDD output when leaving PSI_L mode. The remaining data bits SVID[6:0] select the desired VDACx regulation
voltage as defined in Table 3. The IR3521 replies again with an ACK bit once the data is received. If the received
data is not a VID-OFF command, the IR3521 immediately changes the DAC analog outputs to the new target.
VDAC1 and VDAC2 then slew to the new VID voltages. See Figure 12 for a send byte example.
Table 1 – 2-bit Boot VID codes
Table 2 – VFIX mode 2 bit VID Codes
SVC
SVD
Output Voltage(V)
0
0
1.1
0
1
1.0
1
0
0.9
1
1
0.8
Figure 12 Send Byte Example
SVC
SVD
Output Voltage(V)
0
0
1.4
0
1
1.2
1
0
1.0
1
1
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com