Electronic Components Datasheet Search
  English  ▼

X  

IR3521 Datasheet(PDF) 10 Page - International Rectifier

Part # IR3521
Description  XPHASE3TM AMD SVID CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3521 Datasheet(HTML) 10 Page - International Rectifier

Back Button IR3521 Datasheet HTML 6Page - International Rectifier IR3521 Datasheet HTML 7Page - International Rectifier IR3521 Datasheet HTML 8Page - International Rectifier IR3521 Datasheet HTML 9Page - International Rectifier IR3521 Datasheet HTML 10Page - International Rectifier IR3521 Datasheet HTML 11Page - International Rectifier IR3521 Datasheet HTML 12Page - International Rectifier IR3521 Datasheet HTML 13Page - International Rectifier IR3521 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
IR3521
Page 10
V3.03
SYSTEM SET POINT TEST
The converter output voltage is determined by the system set point voltage which is the voltage that appears at
the FBx pins when the converter is in regulation. The set point voltage includes error terms for the VDAC digital-
to-analog converters, Error Amp input offsets, and Remote Sense input offsets. The voltage appearing at the
VDACx pins is not the system set point voltage. System set point voltage test circuits for Outputs 1 and 2 are
shown in Figures 3A and 3B.
CVDAC1
RROSC
RVDAC1
ROCSET1
EAOUT1
FB1
OCSET1
VDAC1
VOSEN1-
VOSEN1+
VOUT1
LGND
ROSC
IROSC
IROSC
EAOUT
VOSNS-
VDAC1
BUFFER
AMPLIFIER
IFB1
ROSC BUFFER
AMPLIFIER
1.2V
"FAST"
VDAC
ISINK
ISOURCE
IR3521
SYSTEM
SET POINT
VOLTAGE
IOCSET1
CURRENT
SOURCE
GENERATOR
REMOTE SENSE
AMPLIFIER
ERROR
AMPLIFIER
IROSC
Figure 3A - Output 1 System Set Point Test Circuit
CVDAC2
RROSC
RVDAC2
ROCSET2
VDAC2
OCSET2
FB2
EAOUT2
LGND
VOUT2
VOSEN2+
VOSEN2-
IROSC
ROSC
VOSNS-
EAOUT
VDAC2
BUFFER
AMPLIFIER
"FAST"
VDAC
1.2V
ROSC BUFFER
AMPLIFIER
SYSTEM
SET POINT
VOLTAGE
IR3521
ISOURCE
ISINK
IROSC
ERROR
AMPLIFIER
REMOTE SENSE
AMPLIFIER
CURRENT
SOURCE
GENERATOR
IOCSET2
Figure 3B - Output 2 System Set Point Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com