Electronic Components Datasheet Search
  English  ▼

X  

IR3521 Datasheet(PDF) 29 Page - International Rectifier

Part # IR3521
Description  XPHASE3TM AMD SVID CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3521 Datasheet(HTML) 29 Page - International Rectifier

Back Button IR3521 Datasheet HTML 25Page - International Rectifier IR3521 Datasheet HTML 26Page - International Rectifier IR3521 Datasheet HTML 27Page - International Rectifier IR3521 Datasheet HTML 28Page - International Rectifier IR3521 Datasheet HTML 29Page - International Rectifier IR3521 Datasheet HTML 30Page - International Rectifier IR3521 Datasheet HTML 31Page - International Rectifier IR3521 Datasheet HTML 32Page - International Rectifier IR3521 Datasheet HTML 33Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
IR3521
Page 29
V3.03
DOWN
SINK
VDAC
SR
I
C
(5)
2
15
10
2
.
3
5
.
0
VDAC
VDAC
C
R
(6)
Over Current Setting Resistor ROCSET
The inductor DC resistance is utilized to sense the inductor current. The copper wire of inductor has a constant
temperature coefficient of 3850 ppm/°C, and therefore the maximum inductor DCR can be calculated from (7), where
RL_MAX and RL_ROOM are the inductor DCR at maximum temperature, TL_MAX, and room temperature, TL_ROOM,
respectively.
)]
(
10
*
3850
1
[
_
_
6
_
_
ROOM
L
MAX
L
ROOM
L
MAX
L
T
T
R
R
(7)
The total input offset voltage (VCS_TOFST), of the phase IC’s current sense amplifier, is the sum of input offset
(VCS_OFST) of the amplifier itself and that created by the amplifier input bias current flowing through the current sense
resistor RCS.
CS
CSIN
OFST
CS
TOFST
CS
R
I
V
V
_
_
(8)
The over-current limit is set by the external resistor ROCSET as defined in (9). ILIMIT is the required over-current limit.
IOCSET is the bias current of OCSET pin and can be calculated with the equation located in the ELECTRICAL
CHARACTERISTICS Table. GCS is the gain of the current sense amplifier. KP is the ratio of inductor peak current
over the average current in each phase and can be calculated using equation (10).
OCSET
CS
TOFST
CS
P
MAX
L
LIMIT
OCSET
I
G
V
K
R
n
I
R
/
]
)
1
(
[
_
_
(9)
n
I
f
V
L
V
V
V
K
O
SW
I
O
O
I
P
/
)
2
/(
)
(
(10)
VCCL Programming Resistor RVCCLFB1 and RVCCLFB2
Since VCCL voltage is proportional to the MOSFET gate driver loss and inversely proportional to the MOSFET
conduction loss, the optimum voltage should be chosen to maximize the converter efficiency. VCCL linear
regulator consists of an external NPN transistor, a ceramic capacitor and a programmable resistor divider. Pre-
select RVCCLFB1, and calculate RVCCLFB2 from (11).
23
.
1
23
.
1
*
1
2
VCCL
R
R
VCCLFB
VCCLFB
(11)
No Load Offset Setting Resistor RFB11, RFB13, RTHERM1 and Adaptive Voltage Positioning Resistor
RDRP11
for Output1
Define RFB_R as the effective offset resistor at room temperature equals to RFB11//(RFB13+RTHERM1). Given the
offset voltage VO_NLOFST (offset above the DAC voltage) and calculating the sink current from the FB1 pin IFB1, using
the equation in the ELECTRICAL CHARACTERISTICS Table, the effective offset resistor value, RFB1, can be
determined from equation (12).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com