Electronic Components Datasheet Search
  English  ▼

X  

DLPC200 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC200
Description  DLP짰 Digital Controller for the DLP5500 DMD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC200 Datasheet(HTML) 35 Page - Texas Instruments

Back Button DLPC200 Datasheet HTML 31Page - Texas Instruments DLPC200 Datasheet HTML 32Page - Texas Instruments DLPC200 Datasheet HTML 33Page - Texas Instruments DLPC200 Datasheet HTML 34Page - Texas Instruments DLPC200 Datasheet HTML 35Page - Texas Instruments DLPC200 Datasheet HTML 36Page - Texas Instruments DLPC200 Datasheet HTML 37Page - Texas Instruments DLPC200 Datasheet HTML 38Page - Texas Instruments DLPC200 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
tCYCLE
tCH
tCL
tAH
tCMH
tCMS
MEM_CLK
MEM_DQ(63:0)
MEM_DMx
MEM_CKE
MEM_RAS
MEM_CAS
MEM_WE
MEM_CS
MEM_A(15:0)
MEM_BA(2:0)
Valid Data
tOH
tAS
tHZ
tAC
tLZ
DLPC200
www.ti.com
DLPS014A – APRIL 2010 – REVISED MAY 2010
Figure 16. SDR Memory I/F Read Timing
SDRAM Memory
The DLPC200 requires an external DDR2 SDR SDRAM. The DLPC200 supports the use of four 512 Mbit
SDRAMs. The requirements for the SDRAMs are:
•
SDRAM type: DDR2
•
Speed: 133 MHz minimum
•
16-bit interface size: 32 Mbit
•
Supply voltage: 1.8 V
Supported SDRAM Devices shows the SDRAM parts that have been tested by TI and found to work properly
with the DLPC200.
Recommended SDRAM Devices
PART NUMBER
MANUFACTURER
SIZE
MT47H32M16R
Micron
512 Mbit
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): DLPC200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com