Electronic Components Datasheet Search
  English  ▼

X  

DLPC200 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC200
Description  DLP짰 Digital Controller for the DLP5500 DMD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC200 Datasheet(HTML) 29 Page - Texas Instruments

Back Button DLPC200 Datasheet HTML 25Page - Texas Instruments DLPC200 Datasheet HTML 26Page - Texas Instruments DLPC200 Datasheet HTML 27Page - Texas Instruments DLPC200 Datasheet HTML 28Page - Texas Instruments DLPC200 Datasheet HTML 29Page - Texas Instruments DLPC200 Datasheet HTML 30Page - Texas Instruments DLPC200 Datasheet HTML 31Page - Texas Instruments DLPC200 Datasheet HTML 32Page - Texas Instruments DLPC200 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
t
AVWH
t
ELWL
t
WHEH
t
WLWH
t
DVWH
t
PWDHX
t
PHWL
t
WHAX
CE
WE
Data
Address
OE
RST
DLPC200
www.ti.com
DLPS014A – APRIL 2010 – REVISED MAY 2010
Figure 10. Parrallel Flash Write Timing
Recommended Parallel Flash Devices
PART NUMBER
MANUFACTURER
SIZE
JS28F00AP30BF
Numonyx
128 Mbit
Serial Flash Memory Interface
The DLPC200 controller flash memory interface consists of a SPI flash serial interface at 33.3 MHz (nominal).
SERIAL FLASH INTERFACE TIMING REQUIREMENTS
PARAMETER
MIN
MAX
UNIT
fclock
Clock frequency, SPI_CLK
DC
33
MHz
tp_clkper
Clock period, SPI_CLK
30.03
ns
tp_wh
Pulse width low, SPI_CLK
6
ns
tp_wl
Pulse width high, SPI_CLK
6
ns
tp_su
Setup Time – SPI_DIN valid before SPI_CLK rising edge
2
ns
tp_h
Hold Time – SPI_DIN valid after SPI_CLK rising edge
5
ns
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): DLPC200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com