Electronic Components Datasheet Search
  English  ▼

X  

DLPC200 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC200
Description  DLP짰 Digital Controller for the DLP5500 DMD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC200 Datasheet(HTML) 31 Page - Texas Instruments

Back Button DLPC200 Datasheet HTML 27Page - Texas Instruments DLPC200 Datasheet HTML 28Page - Texas Instruments DLPC200 Datasheet HTML 29Page - Texas Instruments DLPC200 Datasheet HTML 30Page - Texas Instruments DLPC200 Datasheet HTML 31Page - Texas Instruments DLPC200 Datasheet HTML 32Page - Texas Instruments DLPC200 Datasheet HTML 33Page - Texas Instruments DLPC200 Datasheet HTML 34Page - Texas Instruments DLPC200 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
ADDRESS
READ CYCLE
WRITE CYCLE
DATA_OUT
CE
DATA
ADDRESS
WE
t
RC
t
OHA
t
HA
t
SD
t
HD
t
SCE
t
AW
t
PWE
t
SA
t
AA
t
WC
DLPC200
www.ti.com
DLPS014A – APRIL 2010 – REVISED MAY 2010
Figure 12. SRAM Interface Timing
Recomended Serial Flash Devices shows the Serial Flash parts that were tested by TI and found to work
properly with the DLPC200.
Recommended Static RAM Devices
PART NUMBER
MANUFACTURER
SIZE
CY7C1011DV33
Cypress
2 Mbit
DMD Interface
The DLPC200 ASIC DMD interface consists of a 200 MHz (nominal) DDR output-only interface with LVDS
signaling.
DMD INTERFACE TIMING REQUIREMENTS
PARAMETER
MIN
TYP
MAX
UNIT
fclock
Clock frequency, DCLK_A & DCLK_B
200
MHz
tp_clkper
Clock period, DCLK_A & DCLK_B
5.0
ns
tp_wh
Pulse width low, DCLK_A & DCLK_B
1.25
ns
tp_wl
Pulse width high, DCLK_A & DCLK_B
1.25
ns
tskew
Channel B relative to channel A
-1.25
1.25
ns
Output setup time – D_A(0:15) & D_B(0:15) relative to both rising and falling edges
0.35
ns
tp_su
of DCLK_A & DCLK_B, respectively
Output hold time – D_A(0:15) & D_B(0:15) relative to both rising and falling edges
0.35
ns
tp_h
of DCLK_A & DCLK_B, respectively
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): DLPC200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com