Electronic Components Datasheet Search
  English  ▼

X  

DLPC200 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC200
Description  DLP짰 Digital Controller for the DLP5500 DMD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC200 Datasheet(HTML) 28 Page - Texas Instruments

Back Button DLPC200 Datasheet HTML 24Page - Texas Instruments DLPC200 Datasheet HTML 25Page - Texas Instruments DLPC200 Datasheet HTML 26Page - Texas Instruments DLPC200 Datasheet HTML 27Page - Texas Instruments DLPC200 Datasheet HTML 28Page - Texas Instruments DLPC200 Datasheet HTML 29Page - Texas Instruments DLPC200 Datasheet HTML 30Page - Texas Instruments DLPC200 Datasheet HTML 31Page - Texas Instruments DLPC200 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
t
AVQV
t
ELQV
t
GLQV
t
PHQV
t
GLTV
t
AVAV
CE
OE
Data
Address
ADV
WAIT
RST
DLPC200
DLPS014A – APRIL 2010 – REVISED MAY 2010
www.ti.com
Parallel Flash Memory Interface (continued)
To perform a write operation, both CE and WE are asserted while RST and OE are deasserted. During a write
operation, address and data are latched on the rising edge of WE or CE, whichever occurs first. When the device
is operating in write operations, WAIT is set to a deasserted state as determined by RCR.10.
PARALLEL FLASH INTERFACE TIMING REQUIREMENTS
PARAMETER
MIN
MAX
UNIT
tAVAV
Read cycle time
110
ns
tAVQV
Address to output valid
110
ns
tELQV
CE# low to output valid
110
ns
tGLQV
OE# low to output valid
25
ns
tPHQV
RST# high to output valid
150
ns
tGLTV
OE# low to WAIT valid
17
ns
tPHWL
RST# high recovery to WE# low
150
ns
tELWL
CE# setup to WE# low
0
ns
tWLWH
WE# write pulse width low
50
ns
tDVWH
Data setup to WE# high
50
ns
tAVWH
Address setup to WE# high
50
ns
tWHEH
CE# hold from WE# high
0
ns
tPWDHX
Data hold from WE# high
0
ns
tWHAX
Address hold from WE# high
0
ns
Figure 9. Parrallel Flash Read Timing
28
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DLPC200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com