Electronic Components Datasheet Search
  English  ▼

X  

DLPC200 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC200
Description  DLP짰 Digital Controller for the DLP5500 DMD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC200 Datasheet(HTML) 18 Page - Texas Instruments

Back Button DLPC200 Datasheet HTML 14Page - Texas Instruments DLPC200 Datasheet HTML 15Page - Texas Instruments DLPC200 Datasheet HTML 16Page - Texas Instruments DLPC200 Datasheet HTML 17Page - Texas Instruments DLPC200 Datasheet HTML 18Page - Texas Instruments DLPC200 Datasheet HTML 19Page - Texas Instruments DLPC200 Datasheet HTML 20Page - Texas Instruments DLPC200 Datasheet HTML 21Page - Texas Instruments DLPC200 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
DLPC200
DLPS014A – APRIL 2010 – REVISED MAY 2010
www.ti.com
I/O CHARACTERISTICS
(1)
(continued)
all inputs/outputs are LVCMOS
I/O TYPE
CONDITIONS
VIL(V)
VIH(V)
VOH(V)
VOL(V)
Unit
MIN
MAX
MIN
MAX
MIN
MAX
B1
Bi-directional
VCCIO = 1.8 V
0.844
1.094
1.484
0.398
V
SSTL-18 Class I
B2
Bi-directional
VCCIO = 3.3 V
-0.3
0.8
1.7
3.6
VCCIO-0.2
0.2
V
LVCMOS
POWER AND GROUND PINS
NAME
DESCRIPTION
PIN NUMBER(S)
Input Power and Ground Pins
K9, K11, K13, K15, K17, K19, L10, L12,
L14, L16, L18, L20, M9, M11, M13, M15,
M17, M19, N10, N12, N14, N16, N18,
N20, P9, P11, P13, P15, P17, P19, R10,
VCC_1P2V
1.2-V power supply for core logic
R12, R14, R16, R18, R20, T9, T11, T13,
T15, T17, T19, U10, U12, U14, U16,
U18, U20, V9, V11, V13, V15, V17, V19,
W10, W12, W14, W16, W18, W20
VCC_2P5V
2.5-V power supply for I/Os on bank 5
AA28, AG28, T24, T28, W24
AA1, AG1, T1, T5, W5 AA11, AD6, AD9,
AD13, AH2, AH5, AH9, AH13 AA18,
VCC_1P8V
1.8-V power supply for I/Os on bank 2, 3, 4
AD16, AD20, AD23, AH16, AH20, AH24,
AH27
B1, H1, K5, N1, N5 B28, H28, K24, N24,
VCC_3P3V
3.3-V power supply for I/Os on bank 1, 6, 7, 8
N28 A16, A20, A24, A27, E16, E20, E23,
H18 A2, A5, A9, A13, E6, E9, E13, H11
VCCA
2.5V power supply for the internal PLL analog supply.
Y8, J21, J8, Y21
VCCD_PLL
1.2V power supply for the internal PLL digital supply.
Y9, J20, J9, Y20
DDR2 VREF 0.9V, The SDRAM spec has guidelines on how these
T7, T8, AB4
VREF_B2
references should be connected. It is not just any 0.9V source on the board.
DDR2 VREF 0.9V, The SDRAM spec has guidelines on how these
AB13, AB11, Y10
VREF_B3
references should be connected. It is not just any 0.9V source on the board.
DDR2 VREF 0.9V, The SDRAM spec has guidelines on how these
AB20, AC18, AA15
VREF_B4
references should be connected. It is not just any 0.9V source on the board.
K10, K12, K14, K16, K18, K20, L9, L11,
L13, L15, L17, L19, M10, M12, M14,
M16, M18, M20, N9, N11, N13, N15,
N17, N19, P10, P12, P14, P16, P18,
P20, R9, R11, R13, R15, R17, R19, T10,
T12, T14, T16, T18, T20, U9, U11, U13,
U15, U17, U19, V10, V12, V14, V16,
V18, V20, W9, W11, W13, W15, W17,
DGND
Common ground
W19, AA2, AA27, AC6, AC9, AC13,
AC16, AC20, AC23, AF1, AF28, AG2,
AG5, AG9, AG13, AG16, AG20, AG24,
AG27, B2, B5, B9, B13, B16, B20, B24,
B27, C1, C28, F6, F9, F13, F16, F20,
F23, H2, H27, J11, J18, K6, K23, N2,
N6, N23, N27, T2, T6, T23, T27, W6,
W23, Y11, Y18
Analog Ground Return for the PLL (This should not be connected to the
H9, H20, AA9, AA20
DGND2
common ground GND)
18
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DLPC200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com