Electronic Components Datasheet Search
  English  ▼

X  

DLPC200 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC200
Description  DLP짰 Digital Controller for the DLP5500 DMD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC200 Datasheet(HTML) 22 Page - Texas Instruments

Back Button DLPC200 Datasheet HTML 18Page - Texas Instruments DLPC200 Datasheet HTML 19Page - Texas Instruments DLPC200 Datasheet HTML 20Page - Texas Instruments DLPC200 Datasheet HTML 21Page - Texas Instruments DLPC200 Datasheet HTML 22Page - Texas Instruments DLPC200 Datasheet HTML 23Page - Texas Instruments DLPC200 Datasheet HTML 24Page - Texas Instruments DLPC200 Datasheet HTML 25Page - Texas Instruments DLPC200 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
DLPC200
DLPS014A – APRIL 2010 – REVISED MAY 2010
www.ti.com
DLPC200 Master, I
2C Interface, for Extended Display Identification Data (EDID)
programming (continued)
On the I2C bus, only one data bit is transferred during each clock pulse. The data on the SDA line must remain
stable during the high pulse of the clock period, as changes in the data line at this time are interpreted as control
commands (Start or Stop). A Stop condition, a low-to-high transition on the SDA input/output while the SCL input
is high, is sent by the master.
Any number of data bytes can be transferred from the transmitter to the receiver between the Start and the Stop
conditions. Each byte of eight bits is followed by one ACK bit. The transmitter must release the SDA line before
the receiver can send an ACK bit. The device that acknowledges must pull down the SDA line during the ACK
clock pulse so that the SDA line is stable low during the high pulse of the ACK-related clock period. Setup and
hold times must be met to ensure proper operation.
I
2C INTERFACE TIMING REQUIREMENTS
PARAMETER
MIN
MAX
UNIT
fscl
I2C clock frequency
0
400
kHz
tsch
I2C clock high time
1
ms
tscl
I2C clock low time
1
ms
tsp
I2C spike time
20
ns
tsds
I2C serial-data setup time
100
ns
tsdh
I2C serial-data hold time
100
ns
ticr
I2C input rise time
100
ns
tocf
I2C output fall time
50 pF
30
200
ns
tbuf
I2C bus free time between stop and start conditions
1.3
ms
tsts
I2C start or repeat start condition setup
1
ms
tsth
I2C start or repeat start condition hold
1
ms
tsph
I2C stop condition setup
1
ms
tvd
Valid-data time
SCL low to SDA output valid
1
ms
Valid-data time of ACK condition
ACK signal from SCL low to SDA (out) low
1
ms
tsch
I2C bus capacitive load
0
100
pF
22
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DLPC200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com