Electronic Components Datasheet Search
  English  ▼

X  

DLPC200 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC200
Description  DLP짰 Digital Controller for the DLP5500 DMD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC200 Datasheet(HTML) 15 Page - Texas Instruments

Back Button DLPC200 Datasheet HTML 11Page - Texas Instruments DLPC200 Datasheet HTML 12Page - Texas Instruments DLPC200 Datasheet HTML 13Page - Texas Instruments DLPC200 Datasheet HTML 14Page - Texas Instruments DLPC200 Datasheet HTML 15Page - Texas Instruments DLPC200 Datasheet HTML 16Page - Texas Instruments DLPC200 Datasheet HTML 17Page - Texas Instruments DLPC200 Datasheet HTML 18Page - Texas Instruments DLPC200 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
DLPC200
www.ti.com
DLPS014A – APRIL 2010 – REVISED MAY 2010
TERMINAL FUNCTIONS (continued)
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
CLOCK
DESCRIPTION
TYPE(1)
SYSTEM
NAME
NO.
LED_SUBFRAME
E26
O3
Async
Subframe signal used by LED Driver. Controlled by programmable
DMD Sequence Timing (Active High)
SYNC_0
F26
O3
Async
Extra Strobe. Controlled by programmable DMD Sequence Timing
(Active High)
SYNC_1
F25
O3
Async
Extra Strobe. Controlled by programmable DMD Sequence Timing
(Active High)
SYNC_2
F24
O3
Async
Extra Strobe. Controlled by programmable DMD Sequence Timing
(Active High)
LED_EN
L28
O3
Async
LED Driver Enable. Active low output control to external LED Drive
Logic.
LED_SYNC
M21
O3
Async
Reserved for future use; weak pull-up applied
LED_SYNCEN
C24
O3
Async
Inverted LED_LIT signal
LED_LIT
J28
I3
Async
LED Driver Status
LED_SENS
K27
I3
Async
Reserved for future use.
LED_SPI_CLK
N26
O3
Async
LED SPI MASTER CLOCK
LED_SPI_CS
M26
O3
LED_SPI_CLK
LED SPI MASTER Chip Select
LED_SPI_DIR
P25
O3
LED_SPI_CLK
LED SPI MASTER Driver Direction
LED_SPI_MISO
L27
I3
LED_SPI_CLK
LED SPI MASTER Data IN
LED_SPI_MOSI
L26
O3
LED_SPI_CLK
LED SPI MASTER Data OUT; weak pull-up applied
System Interfaces
CFG_CSO
Chip Select Output for an external serial configuration device. Active
E2
O3
CFG_DCLK
low.
CFG_CLK
P3
O3
CFG_DCLK
Configuration Serial EPROM data clock.
CFG_ASDI
Data input from an external serial configuration device. Provides
N7
I3
CFG_DCLK
configuration data for the device.
CFG_ASDO
Serial Data Output. This pin sends address and control information to
F4
O3
CFG_DCLK
the external PROM during configuration.
CFG_STATUS
M6
O3
CFG_DCLK
Configuration status pin.
CFG_DONE
Configuration Done status pin. Signal goes high at the end of
P24
O3
CFG_DCLK
configuration.
CFG_MSEL0
N22
Configuration Mode Selection signals.
CFG_MSEL1
P23
I3
Async
CFG_MSEL2
M22
CFG_MSEL3
P22
CFG_CE
R8
I3
Async
Chip Enable. Active low.
CFG_EN
Configuration control. Configuration will start when a low to high
P4
I3
Async
transition is detected at this pin.
CFG_CEO
P28
O1
Async
REF_CLK
J27
I3
50 MHz reference clock, 3.3V
RESET
A14
I3
Async
Device reset (active low)
PWR_GOOD
A23
I3
Async
System power good indicator
RSVD_H10
N4
B2
GPIO
RSVD_H11
L2
B2
GPIO
RSVD_H12
K4
B2
GPIO
RSVD_H6
G1
B2
GPIO
RSVD_H5
G5
B2
GPIO
RSVD_H4
G6
B2
GPIO
RSVD_H2
E1
B2
GPIO
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): DLPC200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com