Electronic Components Datasheet Search
  English  ▼

X  

DLPC200 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC200
Description  DLP짰 Digital Controller for the DLP5500 DMD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC200 Datasheet(HTML) 20 Page - Texas Instruments

Back Button DLPC200 Datasheet HTML 16Page - Texas Instruments DLPC200 Datasheet HTML 17Page - Texas Instruments DLPC200 Datasheet HTML 18Page - Texas Instruments DLPC200 Datasheet HTML 19Page - Texas Instruments DLPC200 Datasheet HTML 20Page - Texas Instruments DLPC200 Datasheet HTML 21Page - Texas Instruments DLPC200 Datasheet HTML 22Page - Texas Instruments DLPC200 Datasheet HTML 23Page - Texas Instruments DLPC200 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
24-Bit Input Bus, RGB888
PORTx_D(23:0) of the Input Pixel Data Bus
Default Bus Assignment Mapping
RGB888 Format
B4
B3
B2
B1
B0
G2
G1
G0
B7
B6
B5
G7
G6
G5
G4
G3
R4
R3
R2
R1
R0
R7
R6
R5
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
20
19
18
17
16
23
22
21
DLPC200
DLPS014A – APRIL 2010 – REVISED MAY 2010
www.ti.com
Video Input Pixel Interface
Figure 2 illustrates how pixels should be mapped to the input data bus for both port 1 and port 2.
Figure 2. Pixel Mapping
IMAGE SYNC AND BLANKING REQUIREMENTS
PARAMETER
MIN
MAX
UNIT
tp_vsw
Vertical Sync Width
1
clocks
tp_vbp
Vertical Back Porch
14
lines
tp_vfp
Vertical Front Porch
2
lines
tp_hsw
Horizontal Sync Width
1
clocks
tp_hbp
Horizontal Back Porch
64
clocks
tp_hfp
Horizontal Front Porch
75
clocks
TIMING REQUIREMENTS
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
fpclock
Clock frequency, PORTx_CLK
80
MHz
tp_wh
Pulse duration, high
45% to 55% reference points (signal)
5.6
ns
tp_wl
Pulse duration, low
45% to 55% reference points (signal)
5.6
ns
tp_su
Setup time, PORTx_D(23-0) valid before
See (1)
1.5
ns
PORTx_CLK
tp_h
Hold time, PORTx_D(23-0) valid after
See (1)
1.5
ns
PORTx_CLK
tp_su
Setup time, PORTx_VSYNC valid before
See (1)
1.5
ns
PORTx_CLK
tp_h
Hold time, PORTx_VSYNC valid after
See (1)
1.5
ns
PORTx_CLK
tp_su
Setup time, PORTx_HSYNC valid before
See (1)
1.5
ns
PORTx_CLK
tp_h
Hold time, PORTx_HSYNC valid after
See (1)
1.5
ns
PORTx_CLK
tp_su
Setup time, PORTx_IVALID valid before
See (1)
1.5
ns
PORTx_CLK
tp_h
Hold time, PORTx_IVALID valid after
See (1)
1.5
ns
PORTx_CLK
(1)
PCLK may be inverted from that shown in Figure 3. In that case the same specifications in the table are valid except now referenced to
the falling edge of the clock. If the falling edge of PCLK is to be used, an USB or SPI command is needed to tell the DLPC200 to use
the falling edge of PCLK.
20
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DLPC200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com