Electronic Components Datasheet Search
  English  ▼

X  

DLPC200 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC200
Description  DLP짰 Digital Controller for the DLP5500 DMD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC200 Datasheet(HTML) 26 Page - Texas Instruments

Back Button DLPC200 Datasheet HTML 22Page - Texas Instruments DLPC200 Datasheet HTML 23Page - Texas Instruments DLPC200 Datasheet HTML 24Page - Texas Instruments DLPC200 Datasheet HTML 25Page - Texas Instruments DLPC200 Datasheet HTML 26Page - Texas Instruments DLPC200 Datasheet HTML 27Page - Texas Instruments DLPC200 Datasheet HTML 28Page - Texas Instruments DLPC200 Datasheet HTML 29Page - Texas Instruments DLPC200 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
USB_CLK
USB_PA04
USB_RDY1
USB_PA02
USB_FDC[15..0]
Data_In
tCL
tAV
tON1
tSTBH
tOFF1
tSTBL
tSCSL
DLPC200
DLPS014A – APRIL 2010 – REVISED MAY 2010
www.ti.com
USB WRITE INTERFACE TIMING REQUIREMENTS
MIN
MAX
UNIT
tAV
Delay from clock to valid address
0
10.7
ns
tSTBL
Clock to USB_RDY1 pulse LOW
0
11.2
ns
tSTBH
Clock to USB_RDY1 pulse HIGH
0
11.2
ns
tSCSL
Clock to USB_PA02 pulse LOW
13.0
ns
tON1
Clock to data turn-on
0
13.1
ns
tOFF1
Clock to data hold time
0
13.1
ns
Figure 7. USB Write Timing
Recommended USB Devices
PART NUMBER
MANUFACTURER
CY7C68013A
Cypress
SPI Slave Interface
The DLCP200 controller SPI interface consists of a 5 MHz input.
The SPI bus specifies five logic signals.
•
SCLK — Serial Clock (output from master)
•
MOSI — Master Output, Slave Input (output from master)
•
MISO — Master Input, Slave Output (output from slave)
•
SS — Slave Select (active low; output from master)
•
BUSY — hold off signal to indicate that the slave is processing commands and cannot accept new input
26
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DLPC200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com