Electronic Components Datasheet Search
  English  ▼

X  

DLPC200 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC200
Description  DLP짰 Digital Controller for the DLP5500 DMD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC200 Datasheet(HTML) 24 Page - Texas Instruments

Back Button DLPC200 Datasheet HTML 20Page - Texas Instruments DLPC200 Datasheet HTML 21Page - Texas Instruments DLPC200 Datasheet HTML 22Page - Texas Instruments DLPC200 Datasheet HTML 23Page - Texas Instruments DLPC200 Datasheet HTML 24Page - Texas Instruments DLPC200 Datasheet HTML 25Page - Texas Instruments DLPC200 Datasheet HTML 26Page - Texas Instruments DLPC200 Datasheet HTML 27Page - Texas Instruments DLPC200 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
0-505 bytes
1 byte
Header
Data
Checksum
CMD4
1 byte
Len_LSB
1 byte
Len_MSB
1 byte
CMD3
1 byte
CMD2
1 byte
CMD1
1 byte
DLPC200
DLPS014A – APRIL 2010 – REVISED MAY 2010
www.ti.com
USB Interface
The USB Interface consists of a single chip integrated USB 2.0 tranceiver, smart SIE, and enhance 8051
microprocessor running at 48 MHz (nominal) that support USB 2.0.
Bus Protocol
USB is a polled bus. The host controller (typically at PC) initiates all data transfers. Each transaction begins
when the PC sends a packet. Communications will always be through the bulk transfer mode and 512 bytes of
data are always written/read at a time. The packet consists of the following:
•
Header (6 bytes)
•
Data (505 bytes)
•
Checksum (1 byte)
The USB device that is addressed selects itself by decoding the appropriate address fields. The direction of data
transfer, either read or write, is specified in the packet header. The source of the transaction then sends a data
packet or indicates it has no data to transfer. At the end of either a single packet transfer or a multi-packet
transfer, the destination responds with a handshake packet indicating whether the transfer was successful.
Packet header consists of a
•
CMD1 - indicates if packet is write/write response or read/read response
•
CMD2 - groups major functions together
•
CMD3 - provides more information about packet grouping defined in CMD2
•
CMD4 - used to indicate location of data in a multi-packet transfer
•
Len_MSB:Len_LSB - valid number of bytes of data transfered in packet data
Figure 5. USB Data Packet
As discussed above, the header describes whether the data transaction will be a read or write and designates
the data endpoint. The data portion of the packet carries the payload and is followed by an handshaking
mechanism, checksum, that reports if the data was received successfully, or if the endpoint is stalled or not
available to accept data.
USB READ INTERFACE TIMING REQUIREMENTS
PARAMETER
MIN
Typ
MAX
UNIT
tCL
1/CLKOUT Frequency
20.8
ns
tAV
Delay from clock to valid address
10.7
ns
tSTBL
Clock to USB_RDY0 LOW
11
ns
tSTBH
Clock to USB_RDY0 HIGH
11
ns
tSCSL
Clock to USB_PA02 LOW
13
ns
tDSU
Data setup to clock
9.6
ns
tDH
Data hold time
0
ns
tACC1
valid USB_PA04 to valid USB_FDC
43
ns
24
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DLPC200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com