Electronic Components Datasheet Search
  English  ▼

X  

DLPC200 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC200
Description  DLP짰 Digital Controller for the DLP5500 DMD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC200 Datasheet(HTML) 17 Page - Texas Instruments

Back Button DLPC200 Datasheet HTML 13Page - Texas Instruments DLPC200 Datasheet HTML 14Page - Texas Instruments DLPC200 Datasheet HTML 15Page - Texas Instruments DLPC200 Datasheet HTML 16Page - Texas Instruments DLPC200 Datasheet HTML 17Page - Texas Instruments DLPC200 Datasheet HTML 18Page - Texas Instruments DLPC200 Datasheet HTML 19Page - Texas Instruments DLPC200 Datasheet HTML 20Page - Texas Instruments DLPC200 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
DLPC200
www.ti.com
DLPS014A – APRIL 2010 – REVISED MAY 2010
TERMINAL FUNCTIONS (continued)
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
CLOCK
DESCRIPTION
TYPE(1)
SYSTEM
NAME
NO.
RSVD_X3
AC21
RESERVED FOR FUTURE USE, do not connect
RSVD_X15
AA17
RESERVED FOR FUTURE USE, do not connect
RSVD_X2
AE15
RESERVED FOR FUTURE USE, do not connect
RSVD_X0
AF18
RESERVED FOR FUTURE USE, do not connect
RSVD_X8
AF27
RESERVED FOR FUTURE USE, do not connect
RSVD_X4
AF9
RESERVED FOR FUTURE USE, do not connect
RSVD_S4
AH26
RESERVED FOR FUTURE USE, do not connect
RSVD_S5
B25
RESERVED FOR FUTURE USE, do not connect
RSVD_S6
C20
RESERVED FOR FUTURE USE, do not connect
RSVD_S8
D19
RESERVED FOR FUTURE USE, do not connect
RSVD_X5
E24
RESERVED FOR FUTURE USE, do not connect
RSVD_S10
F22
RESERVED FOR FUTURE USE, do not connect
RSVD_S11
K28
RESERVED FOR FUTURE USE, do not connect
RSVD_S14
N25
RESERVED FOR FUTURE USE, do not connect
RSVD_X7
R24
RESERVED FOR FUTURE USE, do not connect
RSVD_S16
R27
RESERVED FOR FUTURE USE, do not connect
RSVD_S17
R28
RESERVED FOR FUTURE USE, do not connect
RSVD_S18
U23
RESERVED FOR FUTURE USE, do not connect
RSVD_S19
U24
RESERVED FOR FUTURE USE, do not connect
Power and Ground(4)
P1P2V
PWR
N/A
1.2 V core power
P2P5V_DPLL
PWR
N/A
2.5 V filtered power for internal PLL
P1P8V
PWR
N/A
1.8 V I/O power
P2P5V
PWR
N/A
2.5 V I/O power
P3P3V
PWR
N/A
3.3 V I/O power
GND
PWR
N/A
Common digital ground
GNDA
PWR
N/A
Common PLL ground
(4)
Unused inputs should be pulled down to ground through an external resistor.
I/O CHARACTERISTICS
(1)
all inputs/outputs are LVCMOS
I/O TYPE
CONDITIONS
VIL(V)
VIH(V)
VOH(V)
VOL(V)
Unit
MIN
MAX
MIN
MAX
MIN
MAX
I1
Input LVCMOS
VCCIO = 1.8 V
-0.3
0.35 * VCCIO
0.65 * VCCIO
2.25
V
I2
Input LVCMOS
VCCIO = 2.5 V
-0.3
0.7
1.7
VCCIO+0.3
V
I3
Input LVCMOS
VCCIO = 3.3 V
-0.3
0.8
1.7
3.6
V
I4
Input LVTTL
VCCIO = 3.3 V
-0.3
0.8
1.7
3.6
V
O1
Output LVCMOS
VCCIO = 1.8 V
VCCIO-0.45
0.45
V
O2
Output LVTTL
VCCIO = 3.3 V
2.4
0.45
V
O3
Output LVCMOS
VCCIO = 3.3 V
VCCIO-0.2
0.2
V
O4
Output LVDS
VCCIO = 3.3 V
VCCIO-0.3
0.3
V
O5
Output SSTL-18
VCCIO = 1.8 V
1.484
0.398
V
Class I
(1)
Cross reference to IO assignments
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): DLPC200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com