Electronic Components Datasheet Search
  English  ▼

X  

DLPC200 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC200
Description  DLP짰 Digital Controller for the DLP5500 DMD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC200 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DLPC200 Datasheet HTML 28Page - Texas Instruments DLPC200 Datasheet HTML 29Page - Texas Instruments DLPC200 Datasheet HTML 30Page - Texas Instruments DLPC200 Datasheet HTML 31Page - Texas Instruments DLPC200 Datasheet HTML 32Page - Texas Instruments DLPC200 Datasheet HTML 33Page - Texas Instruments DLPC200 Datasheet HTML 34Page - Texas Instruments DLPC200 Datasheet HTML 35Page - Texas Instruments DLPC200 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
DMD_DAT(14:0)
DMD_SCTRL
DMD_CLK
tp_clkper
tp_su
tp_wl
tp_wh
tp_h
SPI_CLK
SPI_DATA
tp_su
tp_h
tp_wh
tp_wl
tp_clkper
DLPC200
DLPS014A – APRIL 2010 – REVISED MAY 2010
www.ti.com
Figure 13. DMD I/F Timing
DAD Interface
The DLPC200 ASIC DAD interface consists of a 125 kMHz (nominal) serial communications port (SCP).
DAD INTERFACE TIMING REQUIREMENTS
PARAMETER
MIN
TYP
MAX
UNIT
fclock
Clock frequency
125
125
kHz
tp_clkper
Clock period
8
us
tp_wh
Pulse width low
4
us
tp_wl
Pulse width high
4
us
tp_su
SCPDI setup time
7.3
ns
tp_h
SCPDI hold time
5.7
ns
Figure 14. DAD I/F Timing
DDR2 SDR Memory Interface
The DDR2 SDRAM is a high-speed CMOS, dynamic random access memory. It is internally configured as a
multibank DRAM. The Controller DDR-2 Memory interface consists of four 32 Mbit by 16-bit wide, DDR-2
interface with double data rate signaling operating at 133.33MHz (nominal). A bidirectional data strobe (DQS,
DQS#) is transmitted externally, along with data, for use in data capture at the receiver. DQS is a strobe
transmitted by the DDR2 SDRAM during READ commands and by the memory controller during WRITE
commands. DQS is edge-aligned with data for READ commands and center-aligned with data for WRITE
commands.
The DDR2 SDRAM operates from a differential clock (CK and CK#); the crossing of CK going HIGH and CK#
32
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DLPC200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com