Electronic Components Datasheet Search
  English  ▼

X  

DLPC200 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC200
Description  DLP짰 Digital Controller for the DLP5500 DMD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC200 Datasheet(HTML) 27 Page - Texas Instruments

Back Button DLPC200 Datasheet HTML 23Page - Texas Instruments DLPC200 Datasheet HTML 24Page - Texas Instruments DLPC200 Datasheet HTML 25Page - Texas Instruments DLPC200 Datasheet HTML 26Page - Texas Instruments DLPC200 Datasheet HTML 27Page - Texas Instruments DLPC200 Datasheet HTML 28Page - Texas Instruments DLPC200 Datasheet HTML 29Page - Texas Instruments DLPC200 Datasheet HTML 30Page - Texas Instruments DLPC200 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
SPI_CLK
SPI_DATA
tp_su
tp_h
tp_wh
tp_wl
tp_clkper
DLPC200
www.ti.com
DLPS014A – APRIL 2010 – REVISED MAY 2010
SPI Slave Interface (continued)
(output from slave)
The master pulls the slave select low. During each SPI clock cycle, a full duplex data transmission occurs:
•
The master sends a bit on the MOSI line; the slave reads it from that same line
•
The slave sends a bit on the MISO line; the master reads it from that same line
Transmissions involve two shift registers, one in the master and one in the slave; they are connected in a ring.
Data is shifted out with the most significant bit first, while shifting a new least significant bit into the same
register.
After that register has been shifted out, the master and slave have exchanged register values. If there is more
data to exchange, the shift registers are loaded with new data and the process repeats. Transmissions may
involve any number of clock cycles.
When there is no more data to be transmitted, the master stops toggling its clock. Transmissions consist of
packet commands/responses similar to the protocol defined for the USB interface. The SPI slave supports
variable length command and response packets and a master can initiate multiple such transmissions as
needed.
SPI INTERFACE TIMING REQUIREMENTS
PARAMETER
MIN
MAX
UNIT
fclock
Clock frequency, SPI_CLK
5
MHz
tp_clkper
Clock period, SPI_CLK
29.994
30.006
ns
tp_wh
Pulse width low, SPI_CLK
10
ns
tp_wl
Pulse width high, SPI_CLK
10
ns
tp_su
Setup Time – SPI_DIN valid before SPI_CLK rising edge
10
ns
tp_h
Hold Time – SPI_DIN valid after SPI_CLK rising edge
5
ns
Figure 8. SPI Slave Timing
Parallel Flash Memory Interface
The Controller Parallel Flash Memory interface supports a high-speed NOR device with a 16 bit data bus and up
to 1GB of memory.
To perform a synchronous burst read on array or non-array, an initial address is driven onto the address bus,
and CE is asserted. WE and RST must already have been deasserted. ADV is asserted, and then deasserted to
latch the address. Alternately, ADV can remain asserted throughout the burst access, in which case the address
is latched on the next valid CLK edge while ADV is asserted. Once OE is asserted, the the first word is driven
onto DQ[15:0] on the next valid CLK edge after initial access latency delay. Subsequent data is output on valid
CLK edges following a minimum delay Tchqv.
The WAIT signal indicates data valid when the device is operating in synchronous mode (RCR.15=0). The WAIT
signal is only “deasserted” when data is valid on the bus. When the device is operating in synchronous non-array
read mode, such as read status, read ID, or read query, the WAIT signal is also “deasserted” when data is valid
on the bus. WAIT behavior during synchronous non-array reads at the end of word line works correctly only on
the first data access.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): DLPC200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com