| Electronic Components Datasheet Search |
|
6402 Datasheet(PDF) 248 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
6402 Datasheet(HTML) 248 Page - Intel Corporation |
|
248 / 250 page ![]() Glossary 248 Intel® 6400/6402 Advanced Memory Buffer Datasheet EM Electromagnetic EMI Electromagnetic interference FBD Fully-Buffered DIMM FBD Channel Combination of 10 lane Southbound Links and 13 or 14 lane Northbound Links that make up a logical memory channel from host perspective FBDIMM Fully-Buffered DIMM FERR First Error FIFO First-In, First-Out. Usually in reference to a buffer implementation. Frame Group of bits containing commands or data FSM Finite State Machine HCSL High-speed Current Steering Logic Host Memory controller agent on an FBD channel IBIST Interconnect Built-In Self-Test (built-in interconnect test) I/O Input Output. Usually in reference to a bidirectional buffer cell or circuit. ISI Inter Symbol Interference – see section “Initialization / Clocking” for definition JEDEC JEDEC Solid State Technology Association (once known as the Joint Electron Device Engineering Council) JESD79 JEDEC Standard 79, DDR SDRAM Specification JTAG Joint Test Action Group. Usually in reference to the IEEE 1149.1a boundary scan test standard. LA Logic Analyzer LAI Logic Analyzer Interface Lane Differential pair of receivers or transmitters LFSR Linear Feedback Shift Register. Usually in reference to pseudo-random bit- stream data. Link High speed parallel Differential Point-to-Point interface MC Memory interface Control (block) MemBIST Memory Built-In Self-Test Mesochronous Small ppm frequency difference. MTBF Mean Time Between Failures MT/s Mega Transfers per Second NACK Not-ACKnowledge. Usually in reference to SMBus communications. NB Northbound NBI Northbound Interface. (also: Northbound link control logic) NERR Next/Subsequent Error Northbound The direction of signals running from the furthest DIMM toward the host. ODT On-Die Termination Page Replace aka Page Miss, Row Hit / Page Miss An access to a row that has another page open. The page must be transferred back from the sense amps to the array, and the bank must be precharged. Page Hit An access to an open page, or DRAM row. The data can be supplied from the sense amps at low latency. Page Miss (Empty Page) An access to a page that is not buffered in sense amps and must be fetched from DRAM array. PEC Packet Error Code Plesiochronous Having the same frequency but arbitrary phase differences. PLL Phase Locked Loop Term Definition |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |