Electronic Components Datasheet Search
  English  ▼

X  

6402 Datasheet(PDF) 244 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 244 Page - Intel Corporation

Back Button 6402 Datasheet HTML 240Page - Intel Corporation 6402 Datasheet HTML 241Page - Intel Corporation 6402 Datasheet HTML 242Page - Intel Corporation 6402 Datasheet HTML 243Page - Intel Corporation 6402 Datasheet HTML 244Page - Intel Corporation 6402 Datasheet HTML 245Page - Intel Corporation 6402 Datasheet HTML 246Page - Intel Corporation 6402 Datasheet HTML 247Page - Intel Corporation 6402 Datasheet HTML 248Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 250 page
background image
SPD Bits
244
Intel® 6400/6402 Advanced Memory Buffer Datasheet
15.1.2
Raw Cards D, E, H, and J
107
0x40
0x40
0x48
0x48
AMB Personality Bytes POST-INIT
108
0x53
0x53
0x53
0x53
109
0x00
0x00
0x33
0x33
110
0x00
0x00
0x40
0x40
111
0x65
0x65
0x65
0x65
112
0x4C
0x4C
0x4C
0x4C
113
0x00
0x00
0x00
0x00
114
0x05
0x05
0x10
0x10
115
0x80
0x80
0x80
0x80
AMB Manufacturer JEDEC ID
116
0x89
0x89
0x89
0x89
150
0x00
0x00
0x01
0x01
informal AMB content revision tag (MSB)
151
0x08
0x08
0x09
0x09
informal AMB content revision tag (LSB)
Table 15-2. Raw Cards D, E, H, and J
C0 Stepping
D1 Stepping
Byte
533 MHz
667 MHz
533 MHz
667 MHz
Description
81
0x02
0x02
0x02
0x02
FBD channel Protocols Supported
82
0x00
0x00
0x00
0x00
83
0x10
0x10
0x10
0x10
B2B Access Turnaround Bubble (assumes at tCK)
84
0x58
0x58
0x58
0x58
CMD2DATA (800)
85
0x42
0x42
0x42
0x42
CMD2DATA (667)
86
0x38
0x38
0x38
0x38
CMD2DATA (533)
87
0x30
0x30
0x30
0x30
TR AMB (free air JEDEC)
88
0x5E
0x71
0x5B
0x6A
AMB DT Idle_0
89
0x76
0x89
0x71
0x84
AMB DT Idle_1
90
0x60
0x6E
0x60
0x6E
AMB DT Idle_2
91
0xA6
0xB6
0x92
0xAF
AMB DT Active_1
92
0x84
0x92
0x71
0x8B
AMB DT Active_2
93
0x00
0x00
0x00
0x00
AMB DT L0s
94
0x00
0x00
0x00
0x00
reserved (TR DRAM)
95
0x00
0x00
0x00
0x00
reserved (TR AMB)
96
0x00
0x00
0x00
0x00
reserved (TR DRAM2AMB)
97
0x00
0x00
0x00
0x00
reserved (TR AMB2DRAM)
98
0x00
0x00
0x00
0x00
Tjmax
99
See catecategory-Byte Table for values
100
0x00
0x00
0x00
0x00
Reserved
Table 15-1. Raw Cards A, B, and C (Sheet 2 of 2)
C0 Stepping
D1 Stepping
Byte 533MHz 667MHz 533MHz 667MHz
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com