Electronic Components Datasheet Search
  English  ▼

X  

641 Datasheet(PDF) 92 Page - Intel Corporation

Part # 641
Description  Intel Pentium 4 Processor
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

641 Datasheet(HTML) 92 Page - Intel Corporation

Back Button 641 Datasheet HTML 88Page - Intel Corporation 641 Datasheet HTML 89Page - Intel Corporation 641 Datasheet HTML 90Page - Intel Corporation 641 Datasheet HTML 91Page - Intel Corporation 641 Datasheet HTML 92Page - Intel Corporation 641 Datasheet HTML 93Page - Intel Corporation 641 Datasheet HTML 94Page - Intel Corporation 641 Datasheet HTML 95Page - Intel Corporation 641 Datasheet HTML 96Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 106 page
background image
Boxed Processor Specifications
92
Datasheet
The power header on the baseboard must be positioned to allow the fan heatsink power
cable to reach it. The power header identification and location should be documented in
the platform documentation, or on the system board itself. Figure 22 shows the
location of the fan power connector relative to the processor socket. The baseboard
power header should be positioned within 4.33 inches from the center of the processor
socket.
Figure 21.
Boxed Processor Fan Heatsink Power Cable Connector Description
Table 35.
Fan Heatsink Power and Signal Specifications
Description
Min
Typ
Max
Unit
Notes
+12 V: 12 volt fan power supply
10.2
12
13.8
V
IC:
Peak Fan current draw
Fan start-up current draw
Fan start-up current draw maximum duration
—
—
—
1.1
—
—
1.5
2.2
1.0
A
A
Second
SENSE: SENSE frequency
—
2
—
pulses per
fan
revolution
1
NOTES:
1. Baseboard should pull this pin up to 5 V with a resistor.
CONTROL
21
25
28
kHz
2,3
2. Open Drain Type, Pulse Width Modulated.
3. Fan will have a pull-up resistor to 4.75 V, maximum 5.25 V.
Pin
Signal
12 34
1
2
3
4
GND
+12 V
SENSE
CONTROL
Straight square pin, 4-pin terminal housing with
polarizing ribs and friction locking ramp.
0.100" pitch, 0.025" square pin width.
Match with straight pin, friction lock header on
mainboard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com