Electronic Components Datasheet Search
  English  ▼

X  

641 Datasheet(PDF) 17 Page - Intel Corporation

Part # 641
Description  Intel Pentium 4 Processor
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

641 Datasheet(HTML) 17 Page - Intel Corporation

Back Button 641 Datasheet HTML 13Page - Intel Corporation 641 Datasheet HTML 14Page - Intel Corporation 641 Datasheet HTML 15Page - Intel Corporation 641 Datasheet HTML 16Page - Intel Corporation 641 Datasheet HTML 17Page - Intel Corporation 641 Datasheet HTML 18Page - Intel Corporation 641 Datasheet HTML 19Page - Intel Corporation 641 Datasheet HTML 20Page - Intel Corporation 641 Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 106 page
background image
Datasheet
17
Electrical Specifications
2.5
Voltage and Current Specification
2.5.1
Absolute Maximum and Minimum Ratings
Table 3 specifies absolute maximum and minimum ratings. Within functional operation
limits, functionality and long-term reliability can be expected.
At conditions outside functional operation condition limits, but within absolute
maximum and minimum ratings, neither functionality nor long-term reliability can be
expected. If a device is returned to conditions within functional operation limits after
having been subjected to conditions outside these limits, but within the absolute
maximum and minimum ratings, the device may be functional, but with its lifetime
degraded depending on exposure to conditions exceeding the functional operation
condition limits.
At conditions exceeding absolute maximum and minimum ratings, neither functionality
nor long-term reliability can be expected. Moreover, if a device is subjected to these
conditions for any length of time then, when returned to conditions within the
functional operating condition limits, it will either not function, or its reliability will be
severely degraded.
Although the processor contains protective circuitry to resist damage from static
electric discharge, precautions should always be taken to avoid high static voltages or
electric fields.
Table 3.
Absolute Maximum and Minimum Ratings
Symbol
Parameter
Min
Max
Unit
Notes1,2
NOTES:
1. For functional operation, all processor electrical, signal quality, mechanical and thermal specifications must be
satisfied.
2. Excessive overshoot or undershoot on any signal will likely result in permanent damage to the processor.
VCC
Core voltage with respect to VSS
–0.3
1.55
V
VTT
FSB termination voltage with
respect to VSS
–0.3
1.55
V
T
C
Processor case temperature
See
Chapter 5
See
Chapter 5
°C
TSTORAGE
Processor storage temperature
–40
85
°C
3, 4, 5
3. Storage temperature is applicable to storage conditions only. In this scenario, the processor must not receive
a clock, and no lands can be connected to a voltage bias. Storage within these limits will not affect the long-
term reliability of the device. For functional operation, refer to the processor case temperature specifications.
4. This rating applies to the processor and does not include any tray or packaging.
5. Failure to adhere to this specification can affect the long term reliability of the processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com