Electronic Components Datasheet Search
  English  ▼

X  

641 Datasheet(PDF) 30 Page - Intel Corporation

Part # 641
Description  Intel Pentium 4 Processor
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

641 Datasheet(HTML) 30 Page - Intel Corporation

Back Button 641 Datasheet HTML 26Page - Intel Corporation 641 Datasheet HTML 27Page - Intel Corporation 641 Datasheet HTML 28Page - Intel Corporation 641 Datasheet HTML 29Page - Intel Corporation 641 Datasheet HTML 30Page - Intel Corporation 641 Datasheet HTML 31Page - Intel Corporation 641 Datasheet HTML 32Page - Intel Corporation 641 Datasheet HTML 33Page - Intel Corporation 641 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 106 page
background image
Electrical Specifications
30
Datasheet
2.7.2
FSB Frequency Select Signals (BSEL[2:0])
The BSEL[2:0] signals are used to select the frequency of the processor input clock
(BCLK[1:0]). Table 18 defines the possible combinations of the signals and the
frequency associated with each combination. The required frequency is determined by
the processor, chipset, and clock synthesizer. All agents must operate at the same
frequency.
The Pentium 4 processor will operate at an 800 MHz FSB frequency (selected by a
200 MHz BCLK[1:0] frequency).
For more information about these signals, refer to Section 4.2.
2.7.3
Phase Lock Loop (PLL) and Filter
VCCA and VCCIOPLL are power sources required by the PLL clock generators for the
Pentium 4 processor silicon. Since these PLLs are analog, they require low noise power
supplies for minimum jitter. Jitter is detrimental to the system: it degrades external I/O
timings as well as internal core timings (i.e., maximum frequency). To prevent this
degradation, these supplies must be low pass filtered from VTT.
The AC low-pass requirements, with input at VTT are as follows:
• < 0.2 dB gain in pass band
• < 0.5 dB attenuation in pass band < 1 Hz
• > 34 dB attenuation from 1 MHz to 66 MHz
• > 28 dB attenuation from 66 MHz to core frequency
The filter requirements are illustrated in Figure 3.
Table 18.
BSEL[2:0] Frequency Table for BCLK[1:0]
BSEL2
BSEL1
BSEL0
FSB Frequency
L
L
L
RESERVED
L
L
H
RESERVED
L
H
H
RESERVED
L
H
L
200 MHz
H
H
L
RESERVED
H
H
H
RESERVED
H
L
H
RESERVED
H
L
L
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com