Electronic Components Datasheet Search
  English  ▼

X  

641 Datasheet(PDF) 11 Page - Intel Corporation

Part # 641
Description  Intel Pentium 4 Processor
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

641 Datasheet(HTML) 11 Page - Intel Corporation

Back Button 641 Datasheet HTML 7Page - Intel Corporation 641 Datasheet HTML 8Page - Intel Corporation 641 Datasheet HTML 9Page - Intel Corporation 641 Datasheet HTML 10Page - Intel Corporation 641 Datasheet HTML 11Page - Intel Corporation 641 Datasheet HTML 12Page - Intel Corporation 641 Datasheet HTML 13Page - Intel Corporation 641 Datasheet HTML 14Page - Intel Corporation 641 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 106 page
background image
Datasheet
11
Introduction
packaging material) the processor must be handled in accordance with moisture
sensitivity labeling (MSL) as indicated on the packaging material.
• Functional operation — Refers to normal operating conditions in which all
processor specifications, including DC, AC, system bus, signal quality, mechanical
and thermal are satisfied.
1.2
References
Material and concepts available in the following documents may be beneficial when
reading this document.
§ §
Table 1.
References
Document
Location
Intel® Pentium® 4 Processor 6x1 Sequence Specification
Update
http://www.intel.com/design/
pentium4/specupdt/
310309.htm
Intel® Pentium® D Processor, Intel® Pentium® Processor
Extreme Edition, and Intel® Pentium® 4 Processor Thermal
and Mechanical Design Guidelines
NOTE: Refer to this document for 86 W processors.
http://www.intel.com/design/
pentiumXE/designex/
306830.htm
Intel® Core™2 Duo Desktop Processor E6000 Sequence and
Intel® Pentium® 4 Processor 6x1 Sequence Thermal and
Mechanical Design Guidelines
NOTE: Refer To this document for 65 W processors.
http://www.intel.com/design/
processor/designex/
313685.htm
Voltage Regulator-Down (VRD) 11.0 Processor Power Delivery
Design Guidelines For Desktop LGA775 Socket
http://www.intel.com/design/
Pentium4/guides/302356.htm
LGA775 Socket Mechanical Design Guide
http://www.intel.com/design/
Pentium4/guides/302666.htm
Balanced Technology Extended (BTX) System Design Guide
http://www.formfactors.org
Intel® 64 and IA-32 Architecture Software Developer’s
Manuals
Volume 1: Basic Architecture
http://www.intel.com/
products/processor/manuals/
Volume 2A: Instruction Set Reference, A-M
http://www.intel.com/
products/processor/manuals/
Volume 2B: Instruction Set Reference, N-Z
http://www.intel.com/
products/processor/manuals/
Volume 3A: System Programming Guide
http://www.intel.com/
products/processor/manuals/
Volume 3B: System Programming Guide
http://www.intel.com/
products/processor/manuals/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com