Electronic Components Datasheet Search
  English  ▼

X  

IR3513Z Datasheet(PDF) 17 Page - International Rectifier

Part # IR3513Z
Description  XPHASE3TM POL CONTROL IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3513Z Datasheet(HTML) 17 Page - International Rectifier

Back Button IR3513Z Datasheet HTML 13Page - International Rectifier IR3513Z Datasheet HTML 14Page - International Rectifier IR3513Z Datasheet HTML 15Page - International Rectifier IR3513Z Datasheet HTML 16Page - International Rectifier IR3513Z Datasheet HTML 17Page - International Rectifier IR3513Z Datasheet HTML 18Page - International Rectifier IR3513Z Datasheet HTML 19Page - International Rectifier IR3513Z Datasheet HTML 20Page - International Rectifier IR3513Z Datasheet HTML 21Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
IR3513Z
Page 17
May 11, 2009
VREF Control
The MARGIN input comparators monitor the MARGIN pin and control the internal reference voltage whose output is
sent to the VREF buffer amplifier. The output of the buffer amplifier is the VREF pin. The VREF voltage, input offsets of
error amplifier and remote sense differential amplifier are post-package trimmed to provide 0.8% system set-point
accuracy. The actual VREF voltage does not determine the system accuracy, which has a wider tolerance.
The IR3513Z can accept changes in the MARGIN input while operating and vary the VREF voltage accordingly. The
slew rate of the voltage at the VREF pin can be adjusted by an external capacitor between VREF pin and LGND pin. A
resistor connected in series with this capacitor is required to compensate the VREF buffer amplifier. Margin transitions
result in a smooth analog transition of the VREF voltage and converter output voltage minimizing inrush currents in the
input and output capacitors and overshoot of the output voltage.
Remote Voltage Sensing
VOSEN+ and VOSEN- are used for remote sensing and are connected directly to the load. The remote sense
differential amplifier with high speed, low input offset and low input bias current ensures accurate voltage sensing and
fast transient response.
Start-up Sequence
The IR3513Z has a programmable soft-start function to limit the surge current during the converter start-up. A capacitor
connected between the SS/DEL and LGND pins controls soft start timing, over-current protection delay and hiccup
mode timing. A charge current of 52.5uA (typical) and discharge current of 4.5uA (typical) control the up and down slope
of the voltage at the SS/DEL pin respectively.
Figure 8 shows normal converter start-up. If there is no fault, the SS/DEL pin will start charging. The error amplifier
output EAOUT is clamped low until SS/DEL reaches 1.4V. The error amplifier will then regulate the converter’s output
voltage to match the SS/DEL voltage, less the 1.4V offset, until the converter output reaches the level determined by the
VREF (0.8 V typically) inputs. The SS/DEL voltage continues to increase until it rises above 3.12V and allows the PG
signal to be asserted. SS/DEL finally settles at 3.2V indicating the end of the soft start.
VCCL under voltage lock out, over current, as well as a low signal on the ENABLE input immediately sets the fault latch,
which causes the EAOUT pin to drive low turning off the phase IC drivers. The PG pin also drives low, and SS/DEL
begins to discharge until the voltage reaches 0.2V. If the fault has cleared the fault latch will be reset by the discharge
comparator allowing a normal soft start to occur.
Other fault conditions, such as over voltage, open sense lines, and open daisy chain, set different fault latches, which
start discharging SS/DEL, pull down EAOUT voltage and drive PG low. However, the latches can only be reset by
cycling VCCL power.
If SS/DEL pin is pulled below 0.7V, the converter can be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com