Electronic Components Datasheet Search
  English  ▼

X  

IR3513Z Datasheet(PDF) 7 Page - International Rectifier

Part # IR3513Z
Description  XPHASE3TM POL CONTROL IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3513Z Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3513Z Datasheet HTML 3Page - International Rectifier IR3513Z Datasheet HTML 4Page - International Rectifier IR3513Z Datasheet HTML 5Page - International Rectifier IR3513Z Datasheet HTML 6Page - International Rectifier IR3513Z Datasheet HTML 7Page - International Rectifier IR3513Z Datasheet HTML 8Page - International Rectifier IR3513Z Datasheet HTML 9Page - International Rectifier IR3513Z Datasheet HTML 10Page - International Rectifier IR3513Z Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
IR3513Z
Page 7
May 11, 2009
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Soft Start and Delay
Start Delay
1.0
2.2
3.5
ms
Soft Start Time
0.9
1.5
4.5
ms
PG Delay
0.4
1.3
3.8
ms
OC Delay Time
V(IIN) – V(OCSET) = 500 mV
75
125
300
us
SS/DEL to FB Input Offset
Voltage
With FB = 0V, adjust V(SS/DEL) until
EAOUT drives high
0.7
1.4
1.9
V
Charge Current
30
50
65
µA
Discharge Current
2
4
6
µA
Charge/Discharge Current
Ratio
10
12
17
µA/µA
Charge Voltage
2.8
3
3.3
V
Delay Comparator Threshold
Relative to Charge Voltage, SS/DEL
rising – Note 1
80
mV
Delay Comparator Threshold
Relative to Charge Voltage, SS/DEL
falling – Note 1
120
mV
Delay Comparator Hysteresis
Note 1
30
mV
Discharge Comparator
Threshold
125
200
275
mV
Error Amplifier
Input Offset Voltage
Measure V(FB) – V(VREF). Note 2
-1
0
1
mV
FB Bias Current
-1
0
1
µA
DC Gain
Note 1
100
110
120
dB
Bandwidth
Note 1
20
30
40
MHz
Slew Rate
Note 1
7
12
20
V/
µs
Sink Current
0.40
0.85
1.00
mA
Source Current
5
8
12
mA
Maximum Voltage
Measure V(VCCL) – V(EAOUT)
500
780
950
mV
Minimum Voltage
120
250
mV
Open Voltage Loop Detection
Threshold
Measure V(VCCL) - V(EAOUT), Relative
to Error Amplifier maximum voltage.
100
500
1000
mV
Open Voltage Loop Detection
Delay
Measure PHSOUT pulse numbers from
V(EAOUT) = V(VCCL) to PG = low.
8
Pulses
Headroom Control
Activation Voltage
V(VCC) – V(CSIN-)
2.7
2.95
3.3
V
FB Bias Current
V(VCC) – V(CSIN-) = 1.0V
-640
-470
-300
uA
PG Comparator Threshold
-18.5
-13.5
-9
uA
PG Comparator Hysteresis
5
8
13.5
uA
VCC Under Voltage Lockout Comparator (UVLO)
Start Threshold
6.9
7.4
7.9
V
Stop Threshold
6.5
7.0
7.5
V
Hysteresis
Start – Stop
350
450
650
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com