Electronic Components Datasheet Search
  English  ▼

X  

IR3513Z Datasheet(PDF) 6 Page - International Rectifier

Part # IR3513Z
Description  XPHASE3TM POL CONTROL IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3513Z Datasheet(HTML) 6 Page - International Rectifier

Back Button IR3513Z Datasheet HTML 2Page - International Rectifier IR3513Z Datasheet HTML 3Page - International Rectifier IR3513Z Datasheet HTML 4Page - International Rectifier IR3513Z Datasheet HTML 5Page - International Rectifier IR3513Z Datasheet HTML 6Page - International Rectifier IR3513Z Datasheet HTML 7Page - International Rectifier IR3513Z Datasheet HTML 8Page - International Rectifier IR3513Z Datasheet HTML 9Page - International Rectifier IR3513Z Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
IR3513Z
Page 6
May 11, 2009
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Over-Current Comparator
Input Offset Voltage
1V ≤ V(OCSET) ≤ 3.3V
-70
-40
-10
mV
OCSET Bias Current
-5%
605
/ Rosc(kΩ )
+5%
µA
Over-Current Delay Counter
ROSC = 7.75 KΩ (PHSOUT=1.5MHz)
4096
Cycle
Over-Current Delay Counter
ROSC = 15.0 KΩ (PHSOUT=800kHZ)
2048
Cycle
Over-Current Delay Counter
ROSC = 50.0 KΩ (PHSOUT=250kHz)
1024
Cycle
Over-Current Limit Amplifier
Input Offset Voltage
-10
0
15
mV
Transconductance
Note 1
0.50
1.00
1.75
mA/V
Sink Current
35
55
75
uA
Unity Gain Bandwidth
Note 1
0.75
2.00
3.00
kHz
Over Voltage Detection (OVD) Comparator
Threshold Offset Rising
Compare to V(VREF)
60
85
105
mV
Threshold Offset Falling
Compare to V(VREF)
-15
5
25
mV
Threshold Hysteresis
55
70
80
mV
Propagation Delay to IIN
Measure time from V(VOUT) > V(VREF)
(250mV overdrive) to V(IIN) transition to
> 0.9 * V(VCCL).
90
180
ns
IIN Pull-up Resistance
5
20
Ω
OVSNS Input Bias Current
0V ≤ V(OVSNS) ≤ V(VCCL),
-1
0
1
µA
Over Voltage Protection (OVP) Comparator
OVP Threshold
Step V(ISHARE) up until GATEL drives
high. Compare to V(VCCL)
-1.0
-0.8
0
V
Propagation Delay
V(VCCL)=5V, Step V(ISHARE) up from
V(DACIN) to V(VCCL). Measure time to
V(GATEL)>4V.
0
40
70
ns
Propagation Delay to ROSC
Measure time from V(VO) > V(VDAC)
(250mV overdrive) to V(ROSC/OVP)
transition to >1V. Note 1.
90
300
ns
OVP ROSC High Voltage
Measure V(VCCL)-V(ROSC/OVP)
0
0.5
1.2
V
Remote Sense Differential Amplifier
Unity Gain Bandwidth
Note 1
3.0
6.4
9.0
MHz
Input Offset
Relative to [V(VOSEN+) - V(VOSEN-)].
1.5V≤ V(VOSEN+) - V(VOSEN-) ≤ 5.5V
0.5V≤ V(VOSEN+) - V(VOSEN-) ≤ 1.5V
-0.2
-3
0
0
0.2
3
%
mV
Source Current
0.5V≤ V(VOSEN+) - V(VOSEN-) ≤ 5.5V
0.5
1.0
1.7
mA
Sink Current
Vout=0.5V
Vout=5.5V
1
11
4
25
9
34
mA
Slew Rate
Note 1
2
4
8
V/us
Input Impedance
63
100
185
kΩ
VOSEN+ Input Voltage Range
V(VCCL)=7V
5.5
V
High Voltage
V(VCCL) – V(VO)
0.03
0.1
V
Low Voltage
V(VCCL)=7V
250
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com