Electronic Components Datasheet Search
  English  ▼

X  

IR3513Z Datasheet(PDF) 4 Page - International Rectifier

Part # IR3513Z
Description  XPHASE3TM POL CONTROL IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3513Z Datasheet(HTML) 4 Page - International Rectifier

  IR3513Z Datasheet HTML 1Page - International Rectifier IR3513Z Datasheet HTML 2Page - International Rectifier IR3513Z Datasheet HTML 3Page - International Rectifier IR3513Z Datasheet HTML 4Page - International Rectifier IR3513Z Datasheet HTML 5Page - International Rectifier IR3513Z Datasheet HTML 6Page - International Rectifier IR3513Z Datasheet HTML 7Page - International Rectifier IR3513Z Datasheet HTML 8Page - International Rectifier IR3513Z Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
IR3513Z
Page 4
May 11, 2009
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. These are stress ratings only and functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specifications are not implied.
Operating Junction Temperature……………..0 to 150
oC
Storage Temperature Range………………….-65
oC to 150oC
MSL Rating………………………………………2
Reflow Temperature…………………………….260
oC
Note: Maximum GATEH – SW = 8V, Maximum BOOST – GATEH = 8V
PIN #
PIN NAME
VMAX
VMIN
ISOURCE
ISINK
1
GATEH
34V
-0.3VDC, -5V
for 100ns
3A for 100ns, 100mA DC
3A for 100ns, 100mA DC
2
BOOST
34V
-0.3V
1A for 100ns, 100mA DC
3A for 100ns, 100mA DC
3
VCCP
8V
-0.3V
n/a
5A for 100ns, 200mA DC
4
GATEL
8V
-0.3VDC, -5V
for 100ns
5A for 100ns, 200mA DC
5A for 100ns, 200mA DC
5
PGND
0.3V
-0.3V
5A for 100ns, 200mA DC
n/a
6, 24
LGND
n/a
n/a
20mA
1mA
7
CSIN+
8V
-0.5V
1mA
1mA
8
CSIN-
8V
-0.5V
1mA
5mA
9
ENABLE
3.5V
-0.3V
1mA
1mA
10
PG
VCCL + 0.3V
-0.3V
1mA
20mA
11
MARGIN
8V
-0.3V
1mA
1mA
12
VOSEN-
1.0V
-0.5V
5mA
1mA
13
VOSEN+
8V
-0.5V
5mA
1mA
14, 28
VCCL
8V
-0.3V
1mA
25mA
15
VOUT
8V
-0.3V
5mA
25mA
16
OVSNS
8V
-0.3V
1mA
1mA
17
FB
8V
-0.3V
1mA
1mA
18
EAOUT
8V
-0.3V
25mA
10mA
19
IIN
8V
-0.3V
5mA
1mA
20
OCSET
8V
-0.3V
1mA
1mA
21
VDAC
3.5V
-0.3V
1mA
1mA
22
SS/DEL
8V
-0.3V
1mA
1mA
23
ROSC/OVP
8V
-0.3V
5mA
1mA
25
CLKOUT
8V
-0.3V
100mA
100mA
26
PHSOUT
8V
-0.3V
10mA
10mA
27
PHSIN
8V
-0.3V
1mA
1mA
29
VCCLFB
3.5V
-0.3V
1mA
1mA
30
VCCLDRV
10V
-0.3V
1mA
50mA
31
VCC
18V
-0.3V
1mA
1mA
32
SW
34V
-0.3V DC, -5V
for 100ns
3A for 100ns, 100mA DC
n/a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com