Electronic Components Datasheet Search
  English  ▼

X  

IR3513Z Datasheet(PDF) 12 Page - International Rectifier

Part # IR3513Z
Description  XPHASE3TM POL CONTROL IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3513Z Datasheet(HTML) 12 Page - International Rectifier

Back Button IR3513Z Datasheet HTML 8Page - International Rectifier IR3513Z Datasheet HTML 9Page - International Rectifier IR3513Z Datasheet HTML 10Page - International Rectifier IR3513Z Datasheet HTML 11Page - International Rectifier IR3513Z Datasheet HTML 12Page - International Rectifier IR3513Z Datasheet HTML 13Page - International Rectifier IR3513Z Datasheet HTML 14Page - International Rectifier IR3513Z Datasheet HTML 15Page - International Rectifier IR3513Z Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
IR3513Z
Page 12
May 11, 2009
SYSTEM THEORY OF OPERATION
PWM Control Method
The PWM block diagram of the XPhase
TM architecture is shown in Figure 3. Feed-forward voltage mode control with
trailing edge modulation is used. A voltage-type error amplifier with high-gain (110dB) and wide-bandwidth is used for
the control loop. It is not unity gain stable. The power-stage input voltage is sensed by the IR3513Z, and optional phase
ICs, to provide feed-forward control. The PWM ramp slope will change with the input voltage and automatically
compensate for changes in the input voltage. The input voltage can change due to variations in the silver box output
voltage or due to the wire and PCB-trace voltage drop related to changes in load current.
VOSNS+
VOSNS-
Control Bus to
additional Phases
Power Bus to
additional Phases
IC BIAS
PWM
COMPARATOR
PWM
COMPARATOR
-
+
+
+
RAMP
DISCHARGE
CLAMP
ENABLE
BODY
BRAKING
COMPARATOR
PWM
LATCH
CURRENT
SENSE
AMPLIFIER
R
S
SHARE ADJUST
ERROR AMPLIFIER
RESET
DOMINANT
PHASE IC
REMOTE SENSE
AMPLIFIER
CCS RCS
CFB
+
-
RCS
CBST
CCS
CBST
CCOMP
RFB1
RFB
3K
CLK
D
Q
+
-
RCOMP
3K
CCOMP1
CLK
D
Q
+
-
VO
GND
VOUT
REMOTE SENSE -
REMOTE SENSE +
VCC
GATEH
CSIN-
CSIN+
GATEL
VCCL
VCCH
SW
VIN
FB
PGND
ISHARE
PHSIN
DACIN
VCC
CLKIN
VCCH
CSIN-
CSIN+
GATEL
EAIN
GATEH
PHSOUT
SW
PGND
VCCL
VID6
VID6
VID6
VID6
VID6
VID6
VID6
VID6
VID6
VID6
+
-
+
+
RAMP
DISCHARGE
CLAMP
ENABLE
VREF
BODY
BRAKING
COMPARATOR
CLOCK GENERATOR
DOMINANT
PWM
LATCH
CURRENT
SENSE
AMPLIFIER
ERROR
AMPLIFIER
R
S
SHARE ADJUST
ERROR AMPLIFIER
RESET
IR3513 CONTROL IC
COUT
Figure 3 - PWM Block Diagram
Frequency and Phase Timing Control
The oscillator system clock frequency is programmable from 500 kHz to 9 MHZ by an external resistor. The IR3513Z
system clock signal (CLKOUT) is connected to CLKIN of all the phase ICs. The phase timing of the phase ICs is
controlled by the daisy chain loop, where the IR3513Z phase clock output (PHSOUT) is connected to the phase clock
input (PHSIN) of the first phase IC, and PHSOUT of the first phase IC is connected to PHSIN of the second phase IC,
etc. The last phase IC (PHSOUT) is connected back to PHSIN of the control IC to complete the loop. During power up,
the IR3513Z sends out clock signals from both CLKOUT and PHSOUT pins and detects the feedback at PHSIN pin to
determine the phase number and monitor any fault in the daisy chain loop. Figure 4 shows the phase timing for a four-
phase converter. For single-phase operation, PHSOUT (pin 26) and PHSIN (pin 27) must be shorted together to
prevent an Open Control Loop fault from occurring.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com