Electronic Components Datasheet Search
  English  ▼

X  

IR3513Z Datasheet(PDF) 1 Page - International Rectifier

Part # IR3513Z
Description  XPHASE3TM POL CONTROL IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3513Z Datasheet(HTML) 1 Page - International Rectifier

  IR3513Z Datasheet HTML 1Page - International Rectifier IR3513Z Datasheet HTML 2Page - International Rectifier IR3513Z Datasheet HTML 3Page - International Rectifier IR3513Z Datasheet HTML 4Page - International Rectifier IR3513Z Datasheet HTML 5Page - International Rectifier IR3513Z Datasheet HTML 6Page - International Rectifier IR3513Z Datasheet HTML 7Page - International Rectifier IR3513Z Datasheet HTML 8Page - International Rectifier IR3513Z Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
IR3513Z
Page 1
May 11, 2009
DATASHEET
XPHASE3
TM POL CONTROL IC
DESCRIPTION
The IR3513Z Control IC provides overall control of a scalable number of phases along with an internal gate driver,
current sense/sharing, and PWM. This allows the IR3513Z to implement a stand-alone single-phase regulator or
interface with additional Phase ICs to develop a power solution with any number of phases. With this arrangement, the
final solution requires only 1 IC per phase to deploy 1 to X phases. Other approaches require a control IC plus 1 to X
driver ICs or scalable “all-in-one” ICs that do not utilize all IC pins or circuitry leading to increased solution cost and size.
FEATURES
•
0.8V reference supports 0.8V to 5.1V output voltage with +/-0.5% system set point accuracy
•
Dynamic margin function provides ± 5 % reference offset
•
1 (stand-alone) to X phase operation with additional Phase IC
•
Programmable 250 KHz to 9 Mhz daisy-chain digital phase timing provides a per phase switching
frequency of 250 KHz to 1.5 MHz with no external components
•
Differential remote sense amplifier with 100kohm input impedance
•
IC bias linear regulator control with programmable output voltage and UVLO
•
Programmable converter current limit during soft-start, hiccup with delay during normal operation
•
Over voltage protection communicated to Phase ICs
•
System over voltage signal protects against failures such as a shorted high side MOSFET
•
Detection and protection of open remote sense lines
•
Open control loop protection
•
7V/2A gate drivers (4A GATEL sink current)
•
Integrated boot-strap synchronous PFET
•
Small thermally enhanced 32L 5 x 5mm MLPQ package
APPLICATION CIRCUIT
Figure 1 - IR3513Z Application Circuit


Similar Part No. - IR3513Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3510 IRF-IR3510 Datasheet
26Kb / 1P
HOT-SWAP N1 REDUNDANT XPHASETM CONTROL IC
IR3514 IRF-IR3514 Datasheet
438Kb / 1P
XPHASE3TM AMD HYBRID CONTROL IC
IR3519 IRF-IR3519 Datasheet
360Kb / 10P
Synchronous MOSFET GateDriver IC
More results

Similar Description - IR3513Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3500 IRF-IR3500 Datasheet
754Kb / 47P
XPHASE3TM VR11.0 & AMD PVID CONTROL IC
IR3502 IRF-IR3502 Datasheet
20Kb / 1P
XPHASE3TM CONTROL IC
IR3521 IRF-IR3521 Datasheet
480Kb / 45P
XPHASE3TM AMD SVID CONTROL IC
IR3500A IRF-IR3500A Datasheet
841Kb / 48P
XPHASE3TM VR11.0 & AMD PVID CONTROL IC
IR3502A IRF-IR3502A Datasheet
446Kb / 38P
XPHASE3TM CONTROL IC
IR3502 IRF-IR3502_09 Datasheet
1Mb / 39P
XPHASE3TM CONTROL IC
IR3514 IRF-IR3514 Datasheet
438Kb / 1P
XPHASE3TM AMD HYBRID CONTROL IC
IR3522 IRF-IR3522 Datasheet
754Kb / 32P
XPHASE3TM DDR & VTT CONTROL IC
IR3523 IRF-IR3523 Datasheet
547Kb / 37P
XPHASE3TM DUAL OUTPUT CONTROL IC
IR3502B IRF-IR3502B Datasheet
449Kb / 38P
XPHASE3TM CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com