Electronic Components Datasheet Search
  English  ▼

X  

IR3513Z Datasheet(PDF) 9 Page - International Rectifier

Part # IR3513Z
Description  XPHASE3TM POL CONTROL IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3513Z Datasheet(HTML) 9 Page - International Rectifier

Back Button IR3513Z Datasheet HTML 5Page - International Rectifier IR3513Z Datasheet HTML 6Page - International Rectifier IR3513Z Datasheet HTML 7Page - International Rectifier IR3513Z Datasheet HTML 8Page - International Rectifier IR3513Z Datasheet HTML 9Page - International Rectifier IR3513Z Datasheet HTML 10Page - International Rectifier IR3513Z Datasheet HTML 11Page - International Rectifier IR3513Z Datasheet HTML 12Page - International Rectifier IR3513Z Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
IR3513Z
Page 9
May 11, 2009
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
PWM Comparator
PWM Ramp Slope
42
52.5
57
mV/
DC%
Input Offset Voltage
Note 1
-5
0
5
mV
Minimum Pulse Width
Note 1
65
75
ns
Minimum GATEH Turn-off
Time
20
80
160
ns
Current Sense Amplifier
CSIN+/- Bias Current
-200
0
200
nA
CSIN+/- Bias Current
Mismatch
Note 1
-50
0
50
nA
Input Offset Voltage
CSIN+ = CSIN- = VREF. Measure input
referred offset from VREF
-1
0
1
mV
Gain
Csin+=25mV+Csin-
30.5
33.0
35.5
V/V
Unity Gain Bandwidth
C(IIN)=10pF. Measure at IIN.
Note 1
4.8
6.8
8.8
MHz
Slew Rate
Note 1
6
V/
µs
Differential Input Range
-10
50
mV
Differential Input Range
-5
50
mV
Common Mode Input Range
-0.2
Note3
V
Rout at TJ = 25
oC
Note 1
2.3
3.0
3.7
kΩ
Rout at TJ = 65
oC
2.9
3.7
4.6
kΩ
Rout at TJ = 125
oC
3.6
4.7
5.4
kΩ
ISHARE Source Current
500
µA
ISHARE Sink Current
500
µA
Share Adjust Amplifier
Input Offset Voltage
Note 1
-3
0
3
mV
Differential Input Range
Note 1
-1
1
V
Gain
CSIN+ = CSIN- = VREF, Adjust V(IIN)
from V(Ramp floor) – 10mV to V(Ramp
floor) + 10mV and measure change in
PWM Ramp Start Voltage. Note 1.
4
5.0
6
V/V
Unity Gain Bandwidth
Note 1
4
8.5
17
kHz
Maximum PWM Ramp Adjust
Voltage
CSIN+ = CSIN- = VREF, EAOUT
=LGND, and V(IIN) = V(Ramp floor) -
100mV. Maximum adjust voltage
=V(PWMRMP) – V(Ramp floor)
90
150
250
mV
Minimum PWM Ramp Adjust
Voltage
CSIN+ = CSIN- = VREF, EAOUT
=LGND, and V(ISHARE) = V(Ramp
floor) + 100mV. Minimum adjust voltage
= V(PWMRMP) – V(Ramp floor)
-230
130
-70
mV
Body Brake Comparator
Threshold Voltage Increasing
Compare to V(Ramp floor)
-225
-125
-25
mV
Threshold Voltage decreasing
Compare to V(Ramp floor)
-315
-215
-115
mV
Threshold Hysteresis
40
90
140
mV
Propagation Delay
VCCL = 5V. Measure time from EAOUT
< V(VREF) (200mV overdrive) to
GATEL transition to < 4V.
20
40
70
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com