Electronic Components Datasheet Search
  English  ▼

X  

IR3513Z Datasheet(PDF) 5 Page - International Rectifier

Part # IR3513Z
Description  XPHASE3TM POL CONTROL IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3513Z Datasheet(HTML) 5 Page - International Rectifier

  IR3513Z Datasheet HTML 1Page - International Rectifier IR3513Z Datasheet HTML 2Page - International Rectifier IR3513Z Datasheet HTML 3Page - International Rectifier IR3513Z Datasheet HTML 4Page - International Rectifier IR3513Z Datasheet HTML 5Page - International Rectifier IR3513Z Datasheet HTML 6Page - International Rectifier IR3513Z Datasheet HTML 7Page - International Rectifier IR3513Z Datasheet HTML 8Page - International Rectifier IR3513Z Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
IR3513Z
Page 5
May 11, 2009
RECOMMENDED OPERATING CONDITIONS FOR RELIABLE OPERATION WITH MARGIN
4.75V ≤ VCCL ≤ 7.5V, 4.75V ≤ VCCP ≤ 7.5V, 8V ≤ VCC ≤ 16V, -0.3V ≤ VOSEN- ≤ 0.3V, 0
oC ≤ T
J ≤ 125
oC,
7.75 kΩ ≤ ROSC ≤ 50 kΩ
ELECTRICAL CHARACTERISTICS
The electrical characteristics involve the spread of values guaranteed within the recommended operating conditions.
Typical values represent the median values, which are related to 25°C. 7.75KΩ ≤ ROSC ≤ 50.0 KΩ, CSS/DEL = 0.1
µF +/-
10%, CGATEH = 3.3nF, CGATEL = 6.8nF (unless otherwise specified).
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VREF Reference
MARGIN = OPEN
796
800
804
mV
MARGIN = 0V
755
760
765
mV
System Set-Point Accuracy
(per test circuit in Fig. 2)
MARGIN = VCCL
835
840
845
mV
Source & Sink Currents
Include OCSET current
50
88
116
µA
Margin Low
0.475
0.575
0.675
V
Margin Input Thresholds
Margin High
2.1
2.2
2.3
V
MARGIN Float Voltage
1.325
1.425
1.55
V
MARGIN Pull-up resistor
3
4
6
KΩ
Oscillator
ROSC Voltage
0.575
0.600
0.625
V
CLKOUT High Voltage
I(CLKOUT)=-10mA, measure V(VCCL)–
V(CLKOUT)
1
V
CLKOUT Low Voltage
I(CLKOUT)= 10mA
1
V
CLKOUT Phase Delay
Measure time from CLKIN < 1V to GATEH
> 1V
40
75
125
ns
PHSOUT Frequency
ROSC=50.0 KΩ
225
250
275
kHz
PHSOUT Frequency
ROSC=24.5 KΩ
450
500
550
kHz
PHSOUT Frequency
ROSC=7.75 KΩ
1.35
1.50
1.65
MHz
PHSOUT High Voltage
I(PHSOUT)= -1mA
1
V
PHSOUT Low Voltage
I(PHSOUT)= 1mA
1
V
PHSIN Threshold Voltage
Compare to V(VCCL)
30
50
70
%
Enable Input
Threshold Voltage
ENABLE rising
815
850
885
mV
Threshold Voltage
ENABLE falling
765
800
835
mV
Hysteresis
25
50
75
mV
Bias Current
0V ≤ V(ENABLE) ≤ 3.3V
-5
0
5
µA
Blanking Time
Noise Pulse < 100ns will not register an
ENABLE state change. Note 1
75
250
400
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com