Electronic Components Datasheet Search
  English  ▼

X  

IR3513Z Datasheet(PDF) 2 Page - International Rectifier

Part # IR3513Z
Description  XPHASE3TM POL CONTROL IC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3513Z Datasheet(HTML) 2 Page - International Rectifier

  IR3513Z Datasheet HTML 1Page - International Rectifier IR3513Z Datasheet HTML 2Page - International Rectifier IR3513Z Datasheet HTML 3Page - International Rectifier IR3513Z Datasheet HTML 4Page - International Rectifier IR3513Z Datasheet HTML 5Page - International Rectifier IR3513Z Datasheet HTML 6Page - International Rectifier IR3513Z Datasheet HTML 7Page - International Rectifier IR3513Z Datasheet HTML 8Page - International Rectifier IR3513Z Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
IR3513Z
Page 2
May 11, 2009
ORDERING INFORMATION
•
Samples only
PIN DESCRIPTION
Device
Package
Order Quantity
IR3513ZMTRPBF
32 Lead MLPQ (5 x 5 mm body)
3000 per reel
* IR3513ZMPBF
32 Lead MLPQ(5 x 5 mm body)
100 piece strips
PIN#
PIN SYMBOL
PIN DESCRIPTION
1
GATEH
High-side driver output and input to GATEL non-overlap comparator.
2
BOOST
Supply for high-side driver. An internal bootstrap synchronous PFET is connected
between this pin and the VCCP pin.
3
VCCP
Supply for low-side driver. An internal bootstrap synchronous PFET is connected
from this pin to the BOOST pin.
4
GATEL
Low-side driver output and input to GATEH non-overlap comparator.
5
PGND
Return for low side driver and reference for GATEH non-overlap comparator.
6, 24
LGND
Local Ground for internal circuitry and the IC substrate connection.
7
CSIN+
Non-Inverting input to the current sense amplifier and input to debug comparator.
8
CSIN-
Inverting input to the current sense amplifier and input to synchronous rectification
disable comparator.
9
ENABLE
Enable input. A logic low applied to this pin puts the IC into fault mode. Do not float
this pin as the logic state will be undefined.
10
PG
Open drain output that drives low during startup and under any external fault
condition. Connect external pull-up.
11
MARGIN
Tri-state input with internal pull-up to 1.425 V. Low/High voltage shifts the Error
Amplifier reference voltage Up/Down 5%. V(MARGIN) should not be biased to a
voltage greater than V(VCCL).
12
VOSEN-
Inverting remote sense amplifier input. Connect to ground at the load.
13
VOSEN+
Non-inverting remote sense amplifier input. Connect to output at the load.
14, 28
VCCL
Output of the voltage regulator, power input for clock oscillator circuitry and other
internal circuitry. Connect a decoupling capacitor to LGND.
15
VOUT
Remote sense amplifier output.
16
OVSNS
Over voltage sense input during normal operation.
17
FB
Inverting input to the Error Amplifier.
18
EAOUT
Output of the Error Amplifier.
19
IIN
Average current input signal from active and inactive phase IC(s). This pin is also
used to communicate an over voltage condition to the phase IC(s).
20
OCSET
An external resistor tied to VREF along with a fixed internal current source
programs the constant output current limit and hiccup over-current thresholds.
Over-current protection can be disabled by programming the threshold higher than
the possible signal on the IIN pin, but no greater than 5V (do not float this pin).
21
VREF
Reference voltage for the Error Amplifier. An external RC network to LGND
programs the margin slew rate and compensates the internal buffer amp.
22
SS/DEL
An external capacitor to LGND programs converter startup and over current
protection delay timing. It is also used to compensate the constant output current
loop during soft start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com